| Electronic Components Datasheet Search |
|
F3SG-R Datasheet(PDF) 149 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Datasheet(HTML) 149 Page - Omron Electronics LLC |
|
149 / 164 page ![]() F3W-MA 149 4-Joint Plug/Socket Connector Used for reduced wiring for connecting F3W-MA with F3SG-RA. Appearance Type Specifications Model For emitter M12 connectors. Used for reduced wiring. F39-GCN4-L For receiver (PNP output) M12 connectors. Used for reduced wiring. F39-GCN4-D Includes one each of F39-GCN4-L and F39-GCN4-D − F39-GCN4 Water-resistive Cover for 4-Joint Plug/Socket Connector One water-resistive cover for an F39-GCN4-L/-D 4-Joint Plug/Socket Connector. You can use this when the MA2 connector part is not used. Material: PBT. IP67 rated when attached. Smartclick mechanism. XS5Z-11 Dust Cover for 4-Joint Plug/Socket Connector One dust cover for an F39-GCN4-L/-D 4-Joint Plug/ Socket Connector. You can use this when the MA2 connector part is not used. Material: Rubber/black. This cover does not ensure IP67 degree of protection. XS2Z-14: Attach to a pin block inside the M12 female screw. XS2Z-15: Attach to a M12 female screw. When attaching the cover to the connector, press the cover onto the connector until the connector is fully inserted into the cover. XS2Z-14 XS2Z-15 Single-Ended Cable F39-JG @A-L (Gray) 4-Joint Plug/ Socket Connector F39-GCN4-L F3SG-RA Emitter F3W-MA Emitter (Secondary) F3W-MA Emitter (Primary) Single-Ended Cable F39-JG @A-D (Black) 4-Joint Plug/ Socket Connector F39-GCN4-D F3W-MA Receiver (Secondary) F3W-MA Receiver (Primary) F3SG-RA Receiver |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |