| Electronic Components Datasheet Search |
|
F3SG-R Datasheet(PDF) 92 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R Datasheet(HTML) 92 Page - Omron Electronics LLC |
|
92 / 164 page ![]() F3SG-RE 92 Safety light curtain connecting cable Round Water-resistant Connector: Connector Connected to Cable, Socket on One Cable End (XS5F-D421- @80-F, sold separately) Round Water-resistant Connector: Connectors Connected to Cable, Socket and Plug on Cable Ends (XS5W-D421- @81-F, sold separately) Y-Joint Plug/Socket Connector (F39-GCNY1, sold separately) Spatter Protection Cover(F39-HGA/-HGB, sold separately) Related Manuals ManNo. Model Manual name Z352 F3SG- @R@@@@@@@@ Safety Light Curtain F3SG- @R Series User's Manual Specification Model L (m) Fire-retardant, Robot cable XS5F-D421-C80-F 1 XS5F-D421-D80-F 2 XS5F-D421-E80-F 3 XS5F-D421-G80-F 5 XS5F-D421-J80-F 10 XS5F-D421-L80-F 20 40.7 L (Cable length) M12 IP67 connector, 4-wire Insulated vinyl round cable dia. 6 50 30 5 14.9 dia. Material: Insulated vinyl round cable Specification Model L (m) Fire-retardant, Robot cable XS5W-D421-C81-F 1 XS5W-D421-D81-F 2 XS5W-D421-E81-F 3 XS5W-D421-G81-F 5 XS5W-D421-J81-F 10 XS5W-D421-L81-F 20 40.7 L (Cable length) M12 IP67 connector, 4-wire Insulated vinyl round cable dia. 6 M12 IP67 connector, 4-wire 44.7 Material: Insulated vinyl round cable Plug marked with (bule circle): Connect to control panel side Socket marked with (white circle): Connect to emitter CN1 CN2 4.6 dia. 17.7 45.5 M12 x 1 40.7 15.0 500 To receiver To control panel side To emitter M12 IP67 connector, 4-wire M12 IP67 connector, 4-wire Insulated vinyl round cable dia. 6 M12 IP67 connector, 4-wire Material: PBT (Main body) 40 Assembled dimensions Material: PC (Transparent cover) ABS (Side wall) Stainless steel (Bracket) Aluminum adhesive tape (Fixing sticker) Model Total length F39-HGB @@@@ @@@@+6 F39-HGA0550 558 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |