| Electronic Components Datasheet Search |
|
DPB22-R01C Datasheet(PDF) 30 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R01C Datasheet(HTML) 30 Page - Hylec-APL Ltd. All rights reserved. |
|
30 / 35 page ![]() 58 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 59 Cable Glands IP68 Pg Perfect Nylon Cable Gland IP68 Perfect Nylon Cable Gland With Spiral Top Cable Protector Perfect PG Nylon Cable Glands Features: • PG Nylon • Easy to install • 50.0xx range offers protection against twisting and also offers integrated anchorage • Temperature rating -20c to + 100c Part Code Colour Size H (mm) L (mm) ØC (mm) Material 50.007 PA RAL7001 - Silver Grey Pg 7 30,5 8 3-6,5 Polyamide PA6 V-2 50.009 PA RAL7001 - Silver Grey Pg 9 34 8 4-8 Polyamide PA6 V-2 50.011 PA RAL7001 - Silver Grey Pg 11 37 8 5-10 Polyamide PA6 V-2 50.013 PA RAL7001 - Silver Grey Pg 13,5 39 9 6-12 Polyamide PA6 V-2 50.016 PA RAL7001 - Silver Grey Pg 16 42,5 10 10-14 Polyamide PA6 V-2 50.021 PA RAL7001 - Silver Grey Pg 21 47,5 11 13-18 Polyamide PA6 V-2 50.029 PA RAL7001 - Silver Grey Pg 29 53 11 18-25 Polyamide PA6 V-2 50.036 PA RAL7001 - Silver Grey Pg 36 61 13 22-32 Polyamide PA6 V-2 50.042 PA RAL7001 - Silver Grey Pg 42 65 13 30-38 Polyamide PA6 V-2 50.048 PA RAL7001 - Silver Grey Pg 48 67 14 34-44 Polyamide PA6 V-2 50.007 PA7035 RAL7035 - Light Grey Pg 7 30,5 8 3-6,5 Polyamide PA6 V-2 50.009 PA7035 RAL7035 - Light Grey Pg 9 34 8 4-8 Polyamide PA6 V-2 50.011 PA7035 RAL7035 - Light Grey Pg 11 37 8 5-10 Polyamide PA6 V-2 50.013 PA7035 RAL7035 - Light Grey Pg 13,5 39 9 6-12 Polyamide PA6 V-2 50.016 PA7035 RAL7035 - Light Grey Pg 16 42,5 10 10-14 Polyamide PA6 V-2 50.021 PA7035 RAL7035 - Light Grey Pg 21 47,5 11 13-18 Polyamide PA6 V-2 50.029 PA7035 RAL7035 - Light Grey Pg 29 53 11 18-25 Polyamide PA6 V-2 50.036 PA7035 RAL7035 - Light Grey Pg 36 61 13 22-32 Polyamide PA6 V-2 50.042 PA7035 RAL7035 - Light Grey Pg 42 65 13 30-38 Polyamide PA6 V-2 50.048 PA7035 RAL7035 - Light Grey Pg 48 67 14 34-44 Polyamide PA6 V-2 50.007 PA/SW RAL9005 - Black Pg 7 30,5 8 3-6,5 Polyamide PA6 V-2 50.009 PA/SW RAL9005 - Black Pg 9 34 8 4-8 Polyamide PA6 V-2 50.011 PA/SW RAL9005 - Black Pg 11 37 8 5-10 Polyamide PA6 V-2 50.013 PA/SW RAL9005 - Black Pg 13,5 39 9 6-12 Polyamide PA6 V-2 50.016 PA/SW RAL9005 - Black Pg 16 42,5 10 10-14 Polyamide PA6 V-2 50.021 PA/SW RAL9005 - Black Pg 21 47,5 11 13-18 Polyamide PA6 V-2 50.029 PA/SW RAL9005 - Black Pg 29 53 11 18-25 Polyamide PA6 V-2 50.036 PA/SW RAL9005 - Black Pg 36 61 13 22-32 Polyamide PA6 V-2 50.042 PA/SW RAL9005 - Black Pg 42 65 13 30-38 Polyamide PA6 V-2 50.048 PA/SW RAL9005 - Black Pg 48 67 14 34-44 Polyamide PA6 V-2 Part Code Colour Size H (mm) L (mm) ØC (mm) Material 50.007 PA/BS RAL7001 - Silver Grey Pg 7 63 8 3-6,5 Polyamide PA6 V-2 50.009 PA/BS RAL7001 - Silver Grey Pg 9 74 8 4-8 Polyamide PA6 V-2 50.011 PA/BS RAL7001 - Silver Grey Pg 11 87 8 5-10 Polyamide PA6 V-2 50.013 PA/BS RAL7001 - Silver Grey Pg 13,5 98 9 6-12 Polyamide PA6 V-2 50.016 PA/BS RAL7001 - Silver Grey Pg 16 112 10 10-14 Polyamide PA6 V-2 50.021 PA/BS RAL7001 - Silver Grey Pg 21 130 11 13-18 Polyamide PA6 V-2 50.007 PABSSW RAL9005 - Black Pg 7 63 8 3-6,5 Polyamide PA6 V-2 50.009 PABSSW RAL9005 - Black Pg 9 74 8 4-8 Polyamide PA6 V-2 50.011 PABSSW RAL9005 - Black Pg 11 87 8 5-10 Polyamide PA6 V-2 50.013 PABSSW RAL9005 - Black Pg 13,5 98 9 6-12 Polyamide PA6 V-2 50.016 PABSSW RAL9005 - Black Pg 16 112 10 10-14 Polyamide PA6 V-2 50.021 PABSSW RAL9005 - Black Pg 21 130 11 13-18 Polyamide PA6 V-2 50007PABS7035 RAL7035 - Light Grey Pg 7 63 8 3-6,5 Polyamide PA6 V-2 50009PABS7035 RAL7035 - Light Grey Pg 9 74 8 4-8 Polyamide PA6 V-2 50011PABS7035 RAL7035 - Light Grey Pg 11 87 8 5-10 Polyamide PA6 V-2 50013PABS7035 RAL7035 - Light Grey Pg 13,5 98 9 6-12 Polyamide PA6 V-2 50016PABS7035 RAL7035 - Light Grey Pg 16 112 10 10-14 Polyamide PA6 V-2 50021PABS7035 RAL7035 - Light Grey Pg 21 130 11 13-18 Polyamide PA6 V-2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |