Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVVCL17 Datasheet(PDF) 1 Page - Pro-Signal

Part # AVVCL17
Description  Lead Scart to Scart
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AVVCL17 Datasheet(HTML) 1 Page - Pro-Signal

  AVVCL17 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/09/12
Lead
Scart to Scart
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, Scart to Scart, 5M
AVVCL17
Part Number Table
Dimensions : Millimetres
Specifications:
Connector Type A
: SCART Plug
Connector Type B
: SCART Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 16.4ft
Cable Length - Metric
: 5m
Jacket Colour
: Black


Similar Part No. - AVVCL17

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AVVCL15 PROSIGNAL-AVVCL15 Datasheet
214Kb / 1P
Lead Scart to Scart, 1.5m
25/09/12 V1.0
AVVCL16 PROSIGNAL-AVVCL16 Datasheet
442Kb / 1P
Lead Scart(p) to Scart(p)
12/09/12 V1.0
More results

Similar Description - AVVCL17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Teridian Semiconductor ...
5002R TERIDIAN-5002R Datasheet
425Kb / 30P
Dual SCART A/V Switch
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
logo
Kycon, Inc.
K-SCARTX-028A KYCON-K-SCARTX-028A Datasheet
37Kb / 1P
SCart socket, Dual part
7/6/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com