Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV04335 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV04335
Description  Coax
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV04335 Datasheet(HTML) 1 Page - Pro-Signal

  AV04335 Datasheet HTML 1Page - Pro-Signal AV04335 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coax
Page <1>
17/05/08 V1.0
Specifications
Cable Type
Coaxial Cable
Type
Connector
Type A
Connector
Type B
External Length/Height
(m)
Lead Length
(m)
Part Number
RG59
RG59
TV Plug
TV Socket
0.5
0.5
AV04334
1.5
1.5
AV04335
3.0
3.0
AV04336
5.0
5.0
AV04337
10.0
10.0
AV04338


Similar Part No. - AV04335

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV04374 PROSIGNAL-AV04374 Datasheet
134Kb / 2P
Leads Scart
05/05/08 V1.0
AV04375 PROSIGNAL-AV04375 Datasheet
134Kb / 2P
Leads Scart
05/05/08 V1.0
AV04376 PROSIGNAL-AV04376 Datasheet
134Kb / 2P
Leads Scart
05/05/08 V1.0
AV04377 PROSIGNAL-AV04377 Datasheet
134Kb / 2P
Leads Scart
05/05/08 V1.0
AV04378 PROSIGNAL-AV04378 Datasheet
134Kb / 2P
Leads Scart
05/05/08 V1.0
More results

Similar Description - AV04335

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
RF Coax Products
logo
List of Unclassifed Man...
RG401 ETC2-RG401 Datasheet
26Kb / 1P
Coax Cable
URM67 ETC2-URM67 Datasheet
144Kb / 1P
Coax Cable
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
RF Coax Connectors
1855S30001000 ETC2-1855S30001000 Datasheet
106Kb / 4P
Coax - Bundled Miniature
7809A ETC2-7809A Datasheet
108Kb / 5P
Coax - Intermediate Type
83242 ETC2-83242 Datasheet
104Kb / 4P
Coax - 50 Ohm Coax
8262 ETC2-8262 Datasheet
103Kb / 4P
Coax - 50 Ohm Coax
8241F ETC2-8241F Datasheet
102Kb / 3P
75 Ohm Coax
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
RF Coax Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com