Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JR8205/3M Datasheet(PDF) 1 Page - Pro-Signal

Part # JR8205/3M
Description  2 x Phono Plugs to 2 x Stackable phono Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR8205/3M Datasheet(HTML) 1 Page - Pro-Signal

  JR8205/3M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 x Phono Plugs to 2 x Stackable phono Plugs
Allows more than one phono connection to be added to a single L+R audio input.
246428
Price Each
Length
Order Code
2m
425-6736
3m
425-6748


Similar Part No. - JR8205/3M

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
JR8007-3M PROSIGNAL-JR8007-3M Datasheet
26Kb / 1P
3.5mm Stereo Jack Plug to 2 x 6.35mm (1/4") Mono Jack Plugs
JR8013-10M PROSIGNAL-JR8013-10M Datasheet
23Kb / 1P
Mono 3.5mm Jack Plug to Mono 3.5mm Jack Plug
JR8013SG PROSIGNAL-JR8013SG Datasheet
81Kb / 1P
3.5mm Stereo Plug To 3.5mm Stereo Plug
11-04-2014
JR8013SG/3.0MM/BK PROSIGNAL-JR8013SG/3.0MM/BK Datasheet
81Kb / 1P
3.5mm Stereo Plug To 3.5mm Stereo Plug
11-04-2014
JR8015-1M PROSIGNAL-JR8015-1M Datasheet
153Kb / 1P
Jack Plug to Plug Lead
V1.0 21/01/21
More results

Similar Description - JR8205/3M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3221 POMONA-3221 Datasheet
29Kb / 1P
BNC (Female) To Stackable Pin Tip Plugs
3901 POMONA-3901 Datasheet
29Kb / 1P
BNC (Male) To Stackable Pin Tip Plugs
4054 POMONA-4054 Datasheet
22Kb / 1P
Adapter - Phono Jack to BNC Male
5268 POMONA-5268 Datasheet
28Kb / 1P
BNC (Male) To Single Stackable Banana Plugs
logo
Switchcraft, Inc.
332A SWITCH-332A Datasheet
70Kb / 1P
PHONO JAX TO MICROPHONE CONNECTOR
3503X SWITCH-3503X Datasheet
260Kb / 1P
PHONO EXTENSION JAX, RoHS
logo
Pomona Electronics
MODEL4054 POMONA-MODEL4054 Datasheet
22Kb / 1P
Adapter ??Phono Jack to BNC Male
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
List of Unclassifed Man...
BU-5120-A-4-0 ETC2-BU-5120-A-4-0 Datasheet
169Kb / 1P
BNC Male Breakout to Stackable Single Banana Plugs
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com