Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

253B503C60NB Datasheet(PDF) 2 Page - CTS Corporation

Part # 253B503C60NB
Description  Two Axis, Ministick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

253B503C60NB Datasheet(HTML) 2 Page - CTS Corporation

  253B503C60NB Datasheet HTML 1Page - CTS Corporation 253B503C60NB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS Series 253
253
B
103
C
60
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY SWITCH
TAP CONFIGURATION
N – NO TAP
RESISTIVE
ANGLE
60 – 60º
Operating Temperature
Operating: -10°C to +70°C
Soldering Conditions
Wave - up to 5 seconds at 260°C
No Solder or flux on component side of board
Electrical and Mechanical Specifications
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
103
10K
203
20K
503
50K
104
100K
124
120K
154
150K
DRIVE ARM LENGTH
DIM "L"
A – .701" (17.8mm)
B – .760" (19.3mm)
C – .579" (14.7mm)
LENGTH FROM
MOUNTING SURFACE
Potentiometer 1 & 2
Mounting Information
PC Terminals
2 - 2
CTS Electronic Components
www.ctscorp.com
45 – 45º
SECTION A-A
SCALE : 5X
1
2 3
CENT
SWITCH
CIRCUIT DIAGRAM
a
b
10.7
17.9
12.2
8.8
1.9
54° MAX.
1.90±0.05
C0.15(4)
Ø8.5
0.30±0.05
OPERATION ANGLE
(ALL DIRECTION)
RECOMMENDED CUSTOMERS
MAX.
A
A
13.30
5.00
3.00±0.05
CENT
CENT.
Ø1.3
Ø1.0
(4)
MOUNTING HOLE DETAIL VIEWED
L
FROM MOUNTING SIDE
+0.1
-0.0
-0.0
+0.1 (6)
±0.05
±0.05
1
2
3
+0.1
-0.0
Ø1.2
(2) HOLE
a
b
11.55±0.05
0.30±0.05
1.1 (4)
0.8±0.1 (6)
DIMENSION: mm
Caution
Please use extra mechanism to restrict rotational
angle at less than 54 degree or there will be bumpy
or rugged rotational feeling
50 – 50º
01/24/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com