Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0111DA Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0111DA
Description  0.8A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0111DA Datasheet(HTML) 1 Page - STMicroelectronics

  P0111DA Datasheet HTML 1Page - STMicroelectronics P0111DA Datasheet HTML 2Page - STMicroelectronics P0111DA Datasheet HTML 3Page - STMicroelectronics P0111DA Datasheet HTML 4Page - STMicroelectronics P0111DA Datasheet HTML 5Page - STMicroelectronics P0111DA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
®
P01 Series
SENSITIVE
0.8A SCRs
September 2000 - Ed: 3
MAIN FEATURES:
DESCRIPTION
Thanks to highly sensitive triggering levels, the
P01 SCR series is suitable for all applications
where available gate current is limited, such as
ground fault circuit interruptors, pilot circuits in
solid state relays, stand-by mode power supplies,
smoke and alarm detectors.
Available in through-hole or surface mount pack-
ages, the voltage capability of this series has been
upgrated since its introduction, to reach 600 V.
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
400 and 600
V
IGT
5 to 200
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180° conduction angle)
TO-92
Tl = 55°C
0.8
A
SOT-223
Tamb = 70°C
IT(AV)
Average on-state current
(180° conduction angle)
TO-92
Tl = 55°C
0.5
A
SOT-223
Tamb = 70°C
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
8
A
tp = 10 ms
7
I
²tI²t Value for fusing
tp = 10ms
Tj = 25°C
0.24
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A
K
TO-92
(P01xxA)
SOT-223
(P01xxN)


Similar Part No. - P0111DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0111DA STMICROELECTRONICS-P0111DA Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DA1AA3 STMICROELECTRONICS-P0111DA1AA3 Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DA5AL3 STMICROELECTRONICS-P0111DA5AL3 Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results

Similar Description - P0111DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
0.8A SCRs
May-2002
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
0.8A SCRs
Jan-2002
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
0.8A Sensitive SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com