Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22Z-R25 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
A22
8
Ordering Information
Subassembled....................... The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not
available as assembled Units. These can also be used as inventory for maintenance parts.
Pushbutton
Non-lighted
Lighted
Note: Common to incandescent lamps and LED lamps.
Sealing
IP65 oil-resistant models
Appearance
Flat type
Projection type
Full-guard type
Half-guard type
Color
Model
Model
Model
Model
Red
A22-FR
A22-TR
A22-GR
A22-HR
Green
A22-FG
A22-TG
A22-GG
A22-HG
Yellow
A22-FY
A22-TY
A22-GY
A22-HY
White
A22-FW
A22-TW
A22-GW
A22-HW
Blue
A22-FA
A22-TA
A22-GA
A22-HA
Black
A22-FB
A22-TB
A22-GB
A22-HB
Sealing
IP65 oil-resistant models
Appearance
Round/Mushroom type
(30-dia. head)
Round/Mushroom type
(40-dia. head)
Square/Projection type
Square/Full-guard type
Color
Model
Model
Model
Model
Red
A22-SR
A22-MR
A22-CR
A22-DR
Green
A22-SG
A22-MG
A22-CG
A22-DG
Yellow
A22-SY
A22-MY
A22-CY
A22-DY
White
A22-SW
A22-MW
A22-CW
A22-DW
Blue
A22-SA
A22-MA
A22-CA
A22-DA
Black
A22-SB
A22-MB
A22-CB
A22-DB
Sealing
IP65
Appearance
Projection type
Full-guard type
Half-guard type
Color
Model
Model
Model
Red
A22L-TR
A22L-GR
A22L-HR
Green
A22L-TG
A22L-GG
A22L-HG
Yellow
A22L-TY
A22L-GY
A22L-HY
White
A22L-TW
A22L-GW
A22L-HW
Blue
A22L-TA
A22L-GA
A22L-HA
Sealing
IP65
Appearance
Square/Projection type
Square/Full-guard type
Color
Model
Model
Red
A22L-CR
A22L-DR
Green
A22L-CG
A22L-DG
Yellow
A22L-CY
A22L-DY
White
A22L-CW
A22L-DW
Blue
A22L-CA
A22L-DA
Ordering set combinations: Refer to pages 3 to 6.
■ Specifications and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com