Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA556 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SA556
Description  GENERAL PURPOSE DUAL BIPOLAR TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA556 Datasheet(HTML) 6 Page - STMicroelectronics

  SA556 Datasheet HTML 1Page - STMicroelectronics SA556 Datasheet HTML 2Page - STMicroelectronics SA556 Datasheet HTML 3Page - STMicroelectronics SA556 Datasheet HTML 4Page - STMicroelectronics SA556 Datasheet HTML 5Page - STMicroelectronics SA556 Datasheet HTML 6Page - STMicroelectronics SA556 Datasheet HTML 7Page - STMicroelectronics SA556 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NE556- SA556-SE556
6/8
TONE BURST GENERATOR
For a tone burst generator the first timer is used as a monostable and determines the tone duration when
triggered by a positive pulse at pin 6. The second timer is enabled by the high output or the monostable.
It is connected as an astable and determines the frequency of the tone.
MONOSTABLE OPERATION
ASTABLE OPERATION
t1 = 0.693 (RA + RB) C Output High
t2 = 0.693 RBC Output Low
RA
RB
Output
Reset
Output
Control
f =
1.44
R + 2R ) C
B
A
Ground
Ground
0.01m F
C2
Control
Trigger
Threshold
1/2
NE556
SE556
+15V
Discharge
11
12
8
13
14
9
5
3
10
0.01m F
Ground
1/2
NE556
SE556
Trigger
Threshold
C1
Discharge
Trigger
Reset
Vcc
4
14
6
1
2
R t
T = 1.1 R .C1
t
Output
R
1/2
NE556
SE556
A
(10)
(8)
(11)
(12)
VCC
(13)
RL
RL
7
6
2
1
4
14
3
C
10nF
(9)
5
Trigger
T = 1.1 R .C
A
Output
R
1/2
NE556
SE556
A
(10)
(9)
(11)
(12)
VCC
(13)
RL
RL
7
5
2
1
4
14
3
6
(8)
RB
C
Operating frequency
0.01nF
f =
1.44
R + 2R ) C
B
A
t2
t1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com