Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNMT002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNMT002
Description  Fabrication: CA-240 Series RP-TNC Plug to N-Male Assembly w/Heatshrink
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNMT002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNMT002 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(REF LENGTH CODE CHART)
-LENGTH-
RP-TNC Plug to N-Male Assembly w/Heatshrink
03/01/10
3/01/10 B.Puchaski
A
M.Audas
M.Audas
B.Puchaski
03/01/10
03/01/10
Initial Release
Fabrication: CA-240 Series
COAXIAL
LENGTH CODE CHART
CA-RTPNMTXXX
LENGTH SYMBOL
CABLE# & LENGTH
CA-RTPNMTNXX
CA-RTPNMTMXX
WHERE XXX = LENGTH IN FEET
WHERE NXX = LENGTH IN INCHES
WHERE MXX = LENGTH IN METERS
WHERE XMX = LENGTH IN DECIMEL METERS
CA-RTPNMTXMX
CA-RTPNMT010 (10 FEET)
CA-RTPNMTN16 (16 INCHES)
CA-RTPNMTM07 (7 METERS)
CA-RTPNMT3M5 (3.5 METERS)
EXAMPLES OF PART# USED
(1X) CA-240/50Ω
COAXIAL CABLE-BLACK
N STRAIGHT MALE
CRIMP CONNECTOR
L-COM SPECIFICATION PS-0031
6. CENTER PIN OF CONNECTORS TO BE SOLDERED OR CRIMPED ONTO CABLE INNER CONDUCTOR
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL RECIEVE INSERTION LOSS TEST#TP-00027
3. CABLE ASSEMBLY SHALL WITHSTAND PULL TEST OF 50lbs WITHOUT
ANY SEPERATION OR ELECTRICAL FAILURE
4. CABLE SHALL BE RoHS COMPLIANT
5. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH
RP-TNC STRAIGHT PLUG
CRIMP CONNECTOR
1"(±.04)[25.4mm(±1.0)]
(2X) BLACK HEATSHRINK
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RTPNMT
A
CA-RTPNMT.SLDDRW
11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RTPNMT002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNMT004 L-COM-CA-RTPNMT004 Datasheet
50Kb / 1P
Fabrication: CA-240 Series RP-TNC Plug to N-Male Assembly w/Heatshrink
03/01/10
More results

Similar Description - CA-RTPNMT002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3989 PASTERNACK-PE3989 Datasheet
104Kb / 1P
CABLE ASSEMBLY RG316/U N MALE TO TNC MALE
PE3644LF PASTERNACK-PE3644LF Datasheet
104Kb / 1P
CABLE ASSEMBLY RG213/U N MALE TO TNC MALE
PE34272 PASTERNACK-PE34272 Datasheet
103Kb / 1P
CABLE ASSEMBLY RG174A/U N MALE TO TNC MALE
PE33615 PASTERNACK-PE33615 Datasheet
103Kb / 1P
CABLE ASSEMBLY RG6A/U N MALE TO TNC MALE
PE3644 PASTERNACK-PE3644 Datasheet
104Kb / 1P
CABLE ASSEMBLY, RG213/U, N MALE TO TNC MALE
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
logo
Pasternack Enterprises,...
PE35671 PASTERNACK-PE35671 Datasheet
94Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO TNC MALE
PE37357 PASTERNACK-PE37357 Datasheet
96Kb / 1P
CABLE ASSEMBLY, RG8X, TNC MALE TO N MALE
PE37941 PASTERNACK-PE37941 Datasheet
116Kb / 1P
CABLE ASSEMBLY, PE-240, N MALE TO N MALE
logo
Molex Electronics Ltd.
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com