Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNME010 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNME010
Description  CA,CA-200 RP-TNC P / NM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNME010 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNME010 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
CA-200/50
Ω
COAXIAL CABLE
JACKET: POLYETHYLENE, BLACK
TYPE N-MALE
CRIMP CONNECTOR
TYPE TNC PLUG
REVERSE POLARITY
2X HEAT SHRINK
(BLACK)
RoHS Compliant 
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST PER
L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RTPNME
A
CA-RTPNME.SLDDRW
1
1
D. PARHAM
10/6/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
10/6/11
10/10/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA,CA-200 RP-TNC P / NM
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
10/6/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RTPNME010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNME002 L-COM-CA-RTPNME002 Datasheet
138Kb / 1P
CA,CA-200 RP-TNC P / NM
10/6/11
CA-RTPNME004 L-COM-CA-RTPNME004 Datasheet
138Kb / 1P
CA,CA-200 RP-TNC P / NM
10/6/11
CA-RTPNME020 L-COM-CA-RTPNME020 Datasheet
138Kb / 1P
CA,CA-200 RP-TNC P / NM
10/6/11
More results

Similar Description - CA-RTPNME010

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK672M-2-1 ASSMANN-AK672M-2-1 Datasheet
203Kb / 1P
ASS 7131 CA
AK672M-2-1-GR ASSMANN-AK672M-2-1-GR Datasheet
206Kb / 1P
ASS 7232 CA
DK-1511-003-BL ASSMANN-DK-1511-003-BL Datasheet
222Kb / 1P
ASS 7160 CA
DK-1511-001-WH ASSMANN-DK-1511-001-WH Datasheet
222Kb / 1P
ASS 7160 CA
A-MCSSHP60020-R ASSMANN-A-MCSSHP60020-R Datasheet
272Kb / 1P
ASS4924 CA
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
897624490 MOLEX-897624490 Datasheet
95Kb / 1P
CA, TNC JACK BLKHD TO IPX (MHF) WITH 1.13 MM CA-TNC_J/IPX
2013/10/01
897626340 MOLEX-897626340 Datasheet
83Kb / 1P
CA SMB JACK FAKRA TO MCRF 1.32 CABLE CA-FAKRA-P/MCRF
2014/08/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com