Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNMCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNMCN19
Description  CA,CA100 RP-TNC P/N-MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNMCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNMCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
PER L-COM SPECIFICATIONS.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RTPNMCXXX
WHERE XXX = LENGTH IN FEET
CA-RTPNMC010 (10 FEET)
CA-RTPNMCNXX
WHERE NXX = LENGTH IN INCHES
CA-RTPNMCN16 (16 INCHES)
CA-RTPNMCMXX WHERE MXX = LENGTH IN METERS
CA-RTPNMCM07 (7 METERS)
CA-RTPNMCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RTPNMC3M5 (3.5 METERS)
B
MAY VARY
NONE
UNLESS OTHERWISE SPECIFIED,
43321
A
D. PARHAM
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
CA,CA100 RP-TNC P/N-MALE
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
DATE
06/23/10
INITIAL RELEASE
06/23/2010
NORTH ANDOVER, MA
5
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
B
11
06/23/2010
REVISIONS
6
7
MAY OCCUR
8
CA-RTPNMC
DESCRIPTION
B
ECN 6626: UPD. CONNECTOR DESCRIPTIONS. ADDED INSERTION LOSS NOTE
1/16/13
D. DESJARDIN
A
06/23/2010
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
CA-RTPNMC.SLDDRW
D. FRISIELLO
UNDIMENSIONED FEATURES
D.GRIFFIN
APPROVED
FSCM NO.
COLOR VARIATIONS
REV
COAXIAL
PROJECTION
CATEGORY
K. BURGNER
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
TYPE N-MALE
CONNECTOR
REVERSE POLARITY
STRAIGHT CRIMP
TNC PLUG
STRAIGHT CRIMP
JACKET: PVC, BLACK
CONNECTOR
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
2X, SHRINK TUBE,
BLACK
LENGTH
B
B


Similar Part No. - CA-RTPNMCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNMA002 L-COM-CA-RTPNMA002 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA004 L-COM-CA-RTPNMA004 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA010 L-COM-CA-RTPNMA010 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA020 L-COM-CA-RTPNMA020 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMB001 L-COM-CA-RTPNMB001 Datasheet
70Kb / 1P
CA,RP-TNC PLUG/N-M 195RW
6/12/12
More results

Similar Description - CA-RTPNMCN19

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
logo
Pasternack Enterprises,...
PE9130 PASTERNACK-PE9130 Datasheet
256Kb / 3P
N Male to TNC Male Adapter
PE9446 PASTERNACK-PE9446 Datasheet
251Kb / 2P
Precision N Male to TNC Male Adapter
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Pasternack Enterprises,...
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com