Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNMB001 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNMB001
Description  CA,RP-TNC PLUG/N-M 195RW
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNMB001 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNMB001 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
2X, SHRINK TUBE,
WHITE
195R SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, WHITE
REVERSE POLARITY
TNC PLUG
STRAIGHT CRIMP
CONNECTOR
TYPE-N MALE
STRAIGHT CRIMP
CONNECTOR
RoHS Compliant 
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST PER
L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
LENGTH CODE CHART
CABLE # & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RTPNMBXXX
WHERE XXX = LENGTH IN FEET
CA-RTPNMB010 (10 FEET)
CA-RTPNMBNXX
WHERE NXX = LENGTH IN INCHES
CA-RTPNMBN16 (16 INCHES)
CA-RTPNMBMXX
WHERE MXX = LENGTH IN METERS
CA-RTPNMBM07 (7 METERS)
CA-RTPNMBXMX
WHERE XMX = LENGTH IN DECIMAL METERS
CA-RTPNMB3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RTPNMB
A
CA-RTPNMB.SLDDRW
1
1
K. BURGNER
6/12/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
6/12/12
6/14/12
A
INTERNAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA,RP-TNC PLUG/N-M 195RW
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
COLOR VARIATIONS
MAY OCCUR
6/12/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RTPNMB001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNMA002 L-COM-CA-RTPNMA002 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA004 L-COM-CA-RTPNMA004 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA010 L-COM-CA-RTPNMA010 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMA020 L-COM-CA-RTPNMA020 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
CA-RTPNMCN19 L-COM-CA-RTPNMCN19 Datasheet
45Kb / 1P
CA,CA100 RP-TNC P/N-MALE
06/23/2010
More results

Similar Description - CA-RTPNMB001

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
logo
TE Connectivity Ltd
C-2016657 TEC-C-2016657 Datasheet
188Kb / 1P
RF CA, N M TO N M, WITHOUT ARMOR 18GHz
C-2016658 TEC-C-2016658 Datasheet
190Kb / 1P
RF CA,PC N M TO PC N M, 18GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com