Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNMA002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNMA002
Description  CA195R RTP - NM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNMA002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNMA002 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RTPNMAXXX
WHERE XXX = LENGTH IN FEET
CA-RTPNMA010 (10 FEET)
CA-RTPNMANXX
WHERE NXX = LENGTH IN INCHES
CA-RTPNMAN16 (16 INCHES)
CA-RTPNMAMXX
WHERE MXX = LENGTH IN METERS
CA-RTPNMAM07 (7 METERS)
CA-RTPNMAXMX
WHERE XMX = LENGTH IN DECIMAL METERS
CA-RTPNMA3M5 (3.5 METERS)
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST
PER L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
2X SHRINK TUBE,
CONNECTOR
BLACK
REVERSE POLARITY
STRAIGHT CRIMP
CONNECTOR
TYPE N-MALE
TNC PLUG
STRAIGHT CRIMP
195R SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK; NOM. DIA: .195" [4.95]
OPERATING TEMPERATURE RANGE: -25 C TO +70 C
(SEE CA-195R FOR REF.)
LENGTH
°
MAY OCCUR
08/18/2020
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
ANGLES ± 1
BPUCHASKI
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RTPNMA
D
11
DFRISIELLO
08/18/2020
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
08/18/2020
05/11/2009
A
B
INITIAL RELEASE
SELLIS
SELLIS
C
08/11/2009 SELLIS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 10643 UPDATE TO NEW FORMAT
>120 [3048] ≤300 [7620] = +6 [152] / -0
7
08/11/2009
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
CAGE CODE
CA195R RTP - NM
COAXIAL
CHANGE LENGTH REF, POINTS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
08/18/2020
ALL OTHER DIMENSIONAL TOLERANCES:
50 High Street, West Mill,
Phone: 1.800.341.5266
8
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
FRACTIONS
TOL. CHANGE TO HEATSHRINK
SELLIS
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
CAD FILE: CA-RTPNMA.SLDDRW
± 1/32
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]


Similar Part No. - CA-RTPNMA002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNMA004 L-COM-CA-RTPNMA004 Datasheet
49Kb / 1P
CA195R RTP - NM
08/18/2020
More results

Similar Description - CA-RTPNMA002

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PT804880B-TLMWD-EMR12 P-TEC-PT804880B-TLMWD-EMR12 Datasheet
1Mb / 38P
8.0 TFT LCD, RTP
PT804890B-TLMWD-ER09 P-TEC-PT804890B-TLMWD-ER09 Datasheet
1Mb / 37P
9.0 TFT LCD, RTP
PT8048102B-TLMWD-ER13 P-TEC-PT8048102B-TLMWD-ER13 Datasheet
2Mb / 40P
10.2 TFT LCD, RTP
PT322457B-TLMWD-ER04 P-TEC-PT322457B-TLMWD-ER04 Datasheet
1Mb / 28P
5.7 TFT LCD, RTP
PT322457K-TLMWU-EMR03 P-TEC-PT322457K-TLMWU-EMR03 Datasheet
1Mb / 30P
5.7 TFT LCD, RTP
PT322457L-TLMWU-EMR03 P-TEC-PT322457L-TLMWU-EMR03 Datasheet
1Mb / 30P
5.7 TFT LCD, RTP
PT804850B-TLMWD-ER07 P-TEC-PT804850B-TLMWD-ER07 Datasheet
1Mb / 32P
5.0 TFT LCD, RTP
logo
List of Unclassifed Man...
T0050101399 ETC2-T0050101399 Datasheet
330Kb / 2P
RTP 001 C MS
T0050101599 ETC2-T0050101599 Datasheet
364Kb / 2P
RTP 002 C MS
T0050101699 ETC2-T0050101699 Datasheet
363Kb / 2P
RTP 004 C MS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com