Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNFT004 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNFT004
Description  Fabrication: CA-240 Series RP-TNC Plug to N-Female Assembly w/Heatshrink
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNFT004 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNFT004 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(REF LENGTH CODE CHART)
-LENGTH-
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RTPNFT
A
CA-RTPNFT.SLDDRW
11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
LENGTH CODE CHART
CA-RTPNFTXXX
LENGTH SYMBOL
CABLE# & LENGTH
CA-RTPNFTNXX
CA-RTPNFTMXX
WHERE XXX = LENGTH IN FEET
WHERE NXX = LENGTH IN INCHES
WHERE MXX = LENGTH IN METERS
WHERE XMX = LENGTH IN DECIMEL METERS
CA-RTPNFTXMX
CA-RTPNFT010 (10 FEET)
CA-RTPNFTN16 (16 INCHES)
CA-RTPNFTM07 (7 METERS)
CA-RTPNFT3M5 (3.5 METERS)
EXAMPLES OF PART# USED
(1X) CA-240/50Ω
COAXIAL CABLE-BLACK
N STRAIGHT FEMALE
CRIMP CONNECTOR
L-COM SPECIFICATION PS-0031
6. CENTER PIN OF CONNECTORS TO BE SOLDERED OR CRIMPED ONTO CABLE INNER CONDUCTOR
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL RECIEVE INSERTION LOSS TEST#TP-00027
3. CABLE ASSEMBLY SHALL WITHSTAND PULL TEST OF 50lbs WITHOUT
ANY SEPERATION OR ELECTRICAL FAILURE
4. CABLE SHALL BE RoHS COMPLIANT
5. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH
RP-TNC STRAIGHT PLUG
CRIMP CONNECTOR
1"(±.04)[25.4mm(±1.0)]
(2X) BLACK HEATSHRINK
RP-TNC Plug to N-Female Assembly w/Heatshrink
03/01/10
3/01/10 B.Puchaski
A
M.Audas
M.Audas
B.Puchaski
03/01/10
03/01/10
Initial Release
Fabrication: CA-240 Series
COAXIAL


Similar Part No. - CA-RTPNFT004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNFT002 L-COM-CA-RTPNFT002 Datasheet
50Kb / 1P
Fabrication: CA-240 Series RP-TNC Plug to N-Female Assembly w/Heatshrink
03/01/10
More results

Similar Description - CA-RTPNFT004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
TNC Female to TNC Female Adapter
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
N Female to TNC Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
TNC Female to MCX Plug Adapter
PE9449 PASTERNACK-PE9449 Datasheet
232Kb / 2P
Precision N Female to TNC Female Adapter
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
logo
Rosenberger Hochfrequen...
05S106-S00S3 ROSENBERGER-05S106-S00S3 Datasheet
726Kb / 2P
ADAPTOR RPC-N 50 W PLUG ??RPC-TNC PLUG
logo
Molex Electronics Ltd.
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com