Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RTPNFBCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RTPNFBCN19
Description  CA,CA100 RTP/NF BLKHD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RTPNFBCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RTPNFBCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
COLOR VARIATIONS
43321
NORTH ANDOVER, MA
UNDIMENSIONED FEATURES
K. BURGNER
ECN 7111 NOTE CHANGE, FROM PLUG TO JACK
10/17/13
B.PUCHASKI
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
NONE
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
A
5
6
7
D.GRIFFIN
8
CA-RTPNFBC
CA-RTPNFBC.SLDDRW
11
6/21/10
REVISIONS
DATE
DESCRIPTION
APPROVED
REV
6/21/10
K. BURGNER
INITIAL RELEASE
COAXIAL
3
4
5
6/21/10
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
B
MAY VARY
FSCM NO.
D. CASTRO
CA,CA100 RTP/NF BLKHD
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
CATEGORY
6/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
BULKHEAD 50 OHMS
50 OHMS
N STRAIGHT CRIMP JACK
TNC CRIMP PLUG
REVERSE POLARITY
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
B
LENGTH
2X SHRINKTUBE,
BLACK
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RTPNFBCXXX
WHERE XXX = LENGTH IN FEET
CA-RTPNFBC010 (10 FEET)
CA-RTPNFBCNXX WHERE NXX = LENGTH IN INCHES
CA-RTPNFBC16 (16 INCHES)
CA-RTPNFBCMXX WHERE MXX = LENGTH IN METERS
CA-RTPNFBCM07 (7 METERS)
CA-RTPNFBCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RTPNFBC3M5 (3.5 METERS)
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)


Similar Part No. - CA-RTPNFBCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RTPNFBA002 L-COM-CA-RTPNFBA002 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-TNC PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RTPNFBA004 L-COM-CA-RTPNFBA004 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-TNC PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RTPNFBA010 L-COM-CA-RTPNFBA010 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-TNC PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RTPNFBA020 L-COM-CA-RTPNFBA020 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-TNC PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
More results

Similar Description - CA-RTPNFBCN19

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
logo
Winchester Electronics ...
SDKA-19-60 WINCHESTER-SDKA-19-60 Datasheet
75Kb / 1P
JACK, BLKHD, TNC
logo
P-tec Corporation
PT804880B-TLMWD-EMR12 P-TEC-PT804880B-TLMWD-EMR12 Datasheet
1Mb / 38P
8.0 TFT LCD, RTP
PT8048102B-TLMWD-ER13 P-TEC-PT8048102B-TLMWD-ER13 Datasheet
2Mb / 40P
10.2 TFT LCD, RTP
PT322457B-TLMWD-ER04 P-TEC-PT322457B-TLMWD-ER04 Datasheet
1Mb / 28P
5.7 TFT LCD, RTP
PT322457L-TLMWU-EMR03 P-TEC-PT322457L-TLMWU-EMR03 Datasheet
1Mb / 30P
5.7 TFT LCD, RTP
logo
List of Unclassifed Man...
T0050101399 ETC2-T0050101399 Datasheet
330Kb / 2P
RTP 001 C MS
T0050101599 ETC2-T0050101599 Datasheet
364Kb / 2P
RTP 002 C MS
logo
Molex Electronics Ltd.
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
897624490 MOLEX-897624490 Datasheet
95Kb / 1P
CA, TNC JACK BLKHD TO IPX (MHF) WITH 1.13 MM CA-TNC_J/IPX
2013/10/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com