Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RSPRSPRCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPRSPRCN19
Description  CA, CA100 RSP/RSP R/A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPRSPRCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPRSPRCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
1.00 25.4
HEAT SHRINK
PVC, BLACK
2X,
SMA PLUG
REVERSE POLARITY
STRAIGHT CRIMP
CONNECTOR
SMA PLUG
REVERSE POLARITY
RIGHT ANGLE
CONNECTOR
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPRSPRCXXX WHERE XXX = LENGTH IN FEET
CA-RSPRSPRC010 (10 FEET)
CA-RSPRSPRCNXX WHERE NXX = LENGTH IN INCHES
CA-RSPRSPRCN16 (16 INCHES)
CA-RSPRSPRCMXX WHERE MXX = LENGTH IN METERS
CA-RSPRSPRCM07 (7 METERS)
CA-RSPRSPRCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPRSPRC3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPRSPRC
A
CA-RSPRSPRC.SLDDRW
1
1
K.BURGNER
6/21/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
6/21/10
6/21/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, CA100 RSP/RSP R/A
CA-RSPRSPRC
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
6/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RSPRSPRCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPRSPCN19 L-COM-CA-RSPRSPCN19 Datasheet
114Kb / 1P
CA, CA100 RP-SMA PLUG/PLUG
6/21/10
More results

Similar Description - CA-RSPRSPRCN19

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2912536 PHOENIX-2912536 Datasheet
110Kb / 7P
Relay Module - PLC-RSP- 60DC/21-21
2912581 PHOENIX-2912581 Datasheet
98Kb / 6P
Relay Module - PLC-RSP- 24UC/21-21AU
2912594 PHOENIX-2912594 Datasheet
96Kb / 6P
Relay Module - PLC-RSP- 48DC/21-21AU
2912604 PHOENIX-2912604 Datasheet
97Kb / 6P
Relay Module - PLC-RSP- 60DC/21-21AU
2966524 PHOENIX-2966524 Datasheet
132Kb / 12P
Relay Module - PLC-RSP-120UC/21
2968001 PHOENIX-2968001 Datasheet
173Kb / 3P
PLC-RSP-230UC/21-21AU/RWF
2987024 PHOENIX-2987024 Datasheet
131Kb / 12P
Relay Module - PLC-RSP- 24UC/21AU/RW
5603684 PHOENIX-5603684 Datasheet
50Kb / 3P
Relay Module - PLC-RSP-24DC/21 AEX
2967442 PHOENIX-2967442 Datasheet
297Kb / 11P
Relay Module - PLC-RSP- 12DC/21AU
10/27/2021
5603683 PHOENIX-5603683 Datasheet
341Kb / 9P
Relay Module - PLC-RSP-120UC/21 C1D2
10/27/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com