Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RSPRSPCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPRSPCN19
Description  CA, CA100 RP-SMA PLUG/PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPRSPCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPRSPCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
1.00 25.4
HEAT SHRINK
PVC, BLACK
2X,
2X, SMA PLUG
REVERSE POLARITY
CONNECTOR
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPRSPCXXX WHERE XXX = LENGTH IN FEET
CA-RSPRSPC010 (10 FEET)
CA-RSPRSPCNXX WHERE NXX = LENGTH IN INCHES
CA-RSPRSPCN16 (16 INCHES)
CA-RSPRSPCMXX WHERE MXX = LENGTH IN METERS
CA-RSPRSPCM07 (7 METERS)
CA-RSPRSPCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPRSPC3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPRSPC
A
CA-RSPRSPC.SLDDRW
1
1
K.BURGNER
6/21/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
6/21/10
6/21/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, CA100 RP-SMA PLUG/PLUG
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
6/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RSPRSPCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPRSPRCN19 L-COM-CA-RSPRSPRCN19 Datasheet
114Kb / 1P
CA, CA100 RSP/RSP R/A
6/21/10
More results

Similar Description - CA-RSPRSPCN19

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-01-06.00 AMPHENOL-135101-01-06.00 Datasheet
46Kb / 1P
SMA PLUG TO SMA PLUG, RG316
135101-02-06.00 AMPHENOL-135101-02-06.00 Datasheet
40Kb / 1P
SMA PLUG TO SMA PLUG, RG174
135101-04-06.00 AMPHENOL-135101-04-06.00 Datasheet
41Kb / 1P
SMA PLUG TO SMA PLUG, RG58
logo
Molex Electronics Ltd.
89761-6772 MOLEX2-89761-6772 Datasheet
88Kb / 1P
CA SMA JACK STR BKHD TO MCX PLUG R/A
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
logo
Rosenberger Hochfrequen...
32S103-S00L5 ROSENBERGER-32S103-S00L5 Datasheet
222Kb / 2P
ADAPTOR SMA PLUG ??PLUG
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com