Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RSPRSJBCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPRSJBCN19
Description  CA, CA100 RP-SMA P/J BLKHD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPRSJBCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPRSJBCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
COLOR VARIATIONS
NORTH ANDOVER, MA
DATE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
43321
6/28/10
D.FRISIELLO
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
ECN 4869: REVISE VIEW OF RP SMA JACK TO PLUG
K.BURGNER
K.BURGNER
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
6/18/10
B
CA-RSPRSJBC.SLDDRW
11
6/18/10
REVISIONS
DESCRIPTION
APPROVED
REV
D.GRIFFIN
CA-RSPRSJBC
A
INITIAL RELEASE
COAXIAL
3
4
5
6/21/10
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
D.FRISIELLO
CA, CA100 RP-SMA P/J BLKHD
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
PROJECTION
CATEGORY
6/18/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
JACKET: PVC, BLACK
REVERSE POLARITY
SMA PLUG
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
CONNECTOR
SMA JACK
REVERSE POLARITY
BULKHEAD
CONNECTOR
LENGTH
2X, 1.0 25.4
HEAT SHRINK
PVC, BLACK
RoHS Compliant 
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPRSJBCXXX WHERE XXX = LENGTH IN FEET
CA-RSPRSJBC010 (10 FEET)
CA-RSPRSJBCNXX WHERE NXX = LENGTH IN INCHES
CA-RSPRSJBCN16 (16 INCHES)
CA-RSPRSJBCMXX WHERE MXX = LENGTH IN METERS
CA-RSPRSJBCM07 (7 METERS)
CA-RSPRSJBCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPRSJBC3M5 (3.5 METERS)


Similar Part No. - CA-RSPRSJBCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPRSJA002 L-COM-CA-RSPRSJA002 Datasheet
70Kb / 1P
CA, 195R RSP - RSJ
8/13/12
CA-RSPRSJA004 L-COM-CA-RSPRSJA004 Datasheet
70Kb / 1P
CA, 195R RSP - RSJ
8/13/12
CA-RSPRSJA010 L-COM-CA-RSPRSJA010 Datasheet
70Kb / 1P
CA, 195R RSP - RSJ
8/13/12
CA-RSPRSJA020 L-COM-CA-RSPRSJA020 Datasheet
70Kb / 1P
CA, 195R RSP - RSJ
8/13/12
More results

Similar Description - CA-RSPRSJBCN19

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
logo
Linx Technologies
CSJ-RGFB-100-MHF3 LINX-CSJ-RGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD RP-SMA, 0.81mm CBL
CSI-RGFI-100-UFFR LINX-CSI-RGFI-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-100-UFFR LINX-CSI-RGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFE-CCC-UFFR-P LINX-CSI-RGFE-CCC-UFFR-P Datasheet
90Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-JUL-17
CSI-RSFE-YYY-UFFR LINX-CSI-RSFE-YYY-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-MAR-14
logo
Molex Electronics Ltd.
SD-89761-682 MOLEX-SD-89761-682 Datasheet
230Kb / 2P
CA SMA J STR BKHD TO MMCX P R/A W/RG316 CA-SMAJ/MMCXP, EWR-3874
2022/01/05
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com