Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RSPRNPA020 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPRNPA020
Description  CA,CA-195 RP-SMA P/RP-N P
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPRNPA020 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPRNPA020 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
1.00±.04
25.4±1.0
2X BLACK HEATSHRINK
REVERSE POLARITY TYPE-N PLUG
STRAIGHT CRIMP CONNECTOR
REVERSE POLARITY SMA PLUG
STRAIGHT CRIMP CONNECTOR
CA-195R/50
Ω
COAXIAL CABLE-BLACK
NOTE:
1. CABLE ASSEMBLIES TO BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLIES TO BE PACKAGED INDIVIDUALLY IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPRNPAXXX WHERE XXX = LENGTH IN FEET
CA-RSPRNPA010 (10 FEET)
CA-RSPRNPANXX WHERE NXX = LENGTH IN INCHES
CA-RSPRNPAN16 (16 INCHES)
CA-RSPRNPAMXX WHERE MXX = LENGTH IN METERS
CA-RSPRNPAM07 (7 METERS)
CA-RSPRNPAXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPRNPA3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPRNPA
A
CA-RSPRNPA.SLDDRW
1
1
D. CASTRO
03/04/2010
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
03/04/2010
3/5/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA,CA-195 RP-SMA P/RP-N P
CATALOG PARTS
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. PARHAM
COLOR VARIATIONS
MAY OCCUR
03/04/2010
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RSPRNPA020

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPRNPA002 L-COM-CA-RSPRNPA002 Datasheet
59Kb / 1P
CA,CA-195 RP-SMA P/RP-N P
03/04/2010
CA-RSPRNPA004 L-COM-CA-RSPRNPA004 Datasheet
59Kb / 1P
CA,CA-195 RP-SMA P/RP-N P
03/04/2010
CA-RSPRNPA010 L-COM-CA-RSPRNPA010 Datasheet
59Kb / 1P
CA,CA-195 RP-SMA P/RP-N P
03/04/2010
More results

Similar Description - CA-RSPRNPA020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
336314-13-0050 ETC2-336314-13-0050 Datasheet
331Kb / 1P
RP SMA STR BHD
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
logo
Linx Technologies
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Molex Electronics Ltd.
732306210 MOLEX-732306210 Datasheet
168Kb / 1P
CA, SMA JACK RP STR TO MHF® I LK WITH 1.32MM CABLE EWR#15295-A
2022/09/22
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com