Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-RSPFMEPCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPFMEPCN19
Description  CA, CA100 RP-SMA PLUG/FME PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPFMEPCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPFMEPCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
1.00 25.4
HEAT SHRINK
PVC, BLACK
2X,
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
SMA PLUG
REVERSE POLARITY
CONNECTOR
FME MALE
CONNECTOR
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPFMEPCXXX
WHERE XXX = LENGTH IN FEET
CA-RSPFMEPC010 (10 FEET)
CA-RSPFMEPCNXX
WHERE NXX = LENGTH IN INCHES
CA-RSPFMEPCN16 (16 INCHES)
CA-RSPFMEPCMXX
WHERE MXX = LENGTH IN METERS
CA-RSPFMEPCM07 (7 METERS)
CA-RSPFMEPCXMX
WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPFMEPC3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPFMEPC
A
CA-RSPFMEPC.SLDDRW
1
1
K.BURGNER
6/21/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
6/21/10
6/22/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, CA100 RP-SMA PLUG/FME PLUG
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
6/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RSPFMEPCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNFA002 L-COM-CA-RSPNFA002 Datasheet
75Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE ASSEMBLY with HEATSGRINK
08/11/09
CA-RSPNFA004 L-COM-CA-RSPNFA004 Datasheet
75Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFA010 L-COM-CA-RSPNFA010 Datasheet
75Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFA020 L-COM-CA-RSPNFA020 Datasheet
75Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFBA002 L-COM-CA-RSPNFBA002 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
More results

Similar Description - CA-RSPFMEPCN19

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
FME Plug to FME Plug Adapter
PE9702 PASTERNACK-PE9702 Datasheet
239Kb / 2P
SMA Male to FME Plug Adapter
PE9703 PASTERNACK-PE9703 Datasheet
73Kb / 1P
FME PLUG TO SMA FEMALE
PE35953 PASTERNACK-PE35953 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG58C/U FME PLUG TO FME PLUG
PE35955 PASTERNACK-PE35955 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG142B/U FME PLUG TO FME PLUG
logo
Rosenberger Hochfrequen...
26S153-S00A1 ROSENBERGER-26S153-S00A1 Datasheet
42Kb / 2P
ADAPTOR FME plug ??N plug
logo
Pasternack Enterprises,...
PE35953LF PASTERNACK-PE35953LF Datasheet
277Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME PLUG TO FME PLUG(LEAD FREE)
PE38719 PASTERNACK-PE38719 Datasheet
136Kb / 1P
CABLE ASSEMBLY, PE-C195, FME PLUG TO FME PLUG
PE35957 PASTERNACK-PE35957 Datasheet
266Kb / 1P
CABLE ASSEMBLY, RG174A/U, FME PLUG TO FME PLUG
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com