Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-DMDFH015 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-DMDFH015
Description  CA, DIN M/ DIN F CA-400UF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-DMDFH015 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-DMDFH015 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
7/16 DIN MALE CRIMP
CONNECTOR
2X, SHRINK TUBE,
BLACK
7/16 DIN FEMALE CRIMP
CONNECTOR
400UF ULTRAFLEX COAXIAL CABLE
JACKET: THERMOPLSTIC ELASTOMER, BLACK
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST
PER L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-DMDFHXXX
WHERE XXX = LENGTH IN FEET
CA-DMDFH010 (10 FEET)
CA-DMDFHNXX
WHERE NXX = LENGTH IN INCHES
CA-DMDFHN16 (16 INCHES)
CA-DMDFHMXX
WHERE MXX = LENGTH IN METERS
CA-DMDFHM07 (7 METERS)
CA-DMDFHXMX
WHERE XMX = LENGTH IN DECIMAL METERS
CA-DMDFH3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-DMDFH
A
CA-DMDFH.SLDDRW
1
1
K.BURGNER
10/31/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
10/31/13
11/1/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, DIN M/ DIN F CA-400UF
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
10/31/13
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - CA-DMDFH015

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-DMDFH010 L-COM-CA-DMDFH010 Datasheet
50Kb / 1P
CA, DIN M/ DIN F CA-400UF
10/31/13
More results

Similar Description - CA-DMDFH015

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSHP60020-R ASSMANN-A-MCSSHP60020-R Datasheet
272Kb / 1P
ASS4924 CA
logo
TE Connectivity Ltd
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
C-2016659 TEC-C-2016659 Datasheet
178Kb / 1P
RF CA,PC1.85 F TO PC1.85 F, 67GHz
C-2016661 TEC-C-2016661 Datasheet
183Kb / 1P
RF CA,PC2.4 M TO PC2.4 M, 50GHz
C-2016662 TEC-C-2016662 Datasheet
190Kb / 1P
RF CA,PC2.92 M TO PC2.92 M, 40GHz
logo
HARTING Technology Grou...
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-410-0306-075 HARTING-33-50-410-0306-075 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 7,5m
2021-12-08
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com