Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRX Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LRX
Description  Standardized LED Bulbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRX Datasheet(HTML) 2 Page - ams-OSRAM AG

  LRX Datasheet HTML 1Page - ams-OSRAM AG LRX Datasheet HTML 2Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ams-osram.com
XLS Product Family
L1, LW5, LY5, LRx, LR5, LR6
L1
LW5
LY5
LRx
LR5
LR6
Color
White
White
Amber
Red
Red
Red
Function
Front fog
Back up
/DRL
Signature
front
lighting
Rear/
front
indicator
Stop +
Tail Dual
function
Stop/
Tail/
Turn/
Rear fog
One
function
Stop/
Tail/
Rear fog/
Turn One
function/
CHMSL
Voltage
Range
6V-16V
6V-16V
6V-16V
6V-16V
6V-16V
6V-16V
Luminous
Flux
350lm
350lm
280lm
120lm/
10lm
120lm
180lm
Typ
power
4.3W
3.3W
4.7W
2.5W /
0.1W
2.7W
5.2W
Base
PGJ18.5d
-29
PGJ18.5d
-28
PGJ18.5d
-19
PGJ18.5T
-9
PGJ18.5d
-10
PGJ18.5d
-33
ams OSRAM
OSRAM GmbH
Marcel-Breuer-Strasse 4
80807 München, Germany
Jenny.Raab@ams-osram.com
Stefan.Herold@ams-osram.com
ams OSRAM
ams-OSRAM USA Inc.
28845 Cabot Drive, Suite 900
Novi, MI 48377, United States
Jorge.Vasquez@ams-osram.com
ams OSRAM
OSRAM Asia Pacific Management
Company
No.1 North Industrial Road,
Chancheng district,
Foshan 528000, Guangdong, P.R.C
Ellie.Zhu@ams-osram.com
XLS Global Team



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com