Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USP2RCAB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2RCAB
Description  USP SUB PANEL, 2 RCA F/F BULKHEAD ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2RCAB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2RCAB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.68 68.1
2X, 2.200 55.88
3.23 82
1.20 30.5
2X, 2.760 70.10
WHITE INSULATOR
RED INSULATOR
4X, #6-32 UNC-2B
THRU
2X, RCA F-F
BULKHEAD
ADAPTER
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
CL
CL
B
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
USP2RCAB
B
USP2RCAB.SLDDRW
1
1
P.MCNEIL
04/20/2007
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
J.ROBERTS
04/20/2007
04/20/2007
A
B
INITIAL RELEASE
ECN 9549 REMOVED CENTER HOLE FROM PLATE
01/07/2019
DFRISIELLO
BPUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
USP SUB PANEL, 2 RCA
F/F BULKHEAD ADAPTER
SUB PANEL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
04/20/2007
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - USP2RCAB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP2-35MM L-COM-USP2-35MM Datasheet
53Kb / 1P
USP SUB PANEL, 2 AUDIO JACK 3.5 mm
04/25/2007
USP21-4 L-COM-USP21-4 Datasheet
53Kb / 1P
USP SUB PANEL, W/2 1/4" STEREO FEMALE AUDIO JACK
4/4/07
logo
Astrodyne Corporation
USP225 ASTRODYNE-USP225 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
344Kb / 4P
225W Single Output with PFC Function
More results

Similar Description - USP2RCAB

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
logo
Winchester Electronics ...
SD129-23-9 WINCHESTER-SD129-23-9 Datasheet
92Kb / 1P
ADAPTER F-F PANEL TNC
SD1069-1 WINCHESTER-SD1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
SDKA-91-04 WINCHESTER-SDKA-91-04 Datasheet
54Kb / 1P
ADAPTER, F-F, PANEL, TNC
SDKA-99-74 WINCHESTER-SDKA-99-74 Datasheet
56Kb / 1P
TNC PANEL ADAPTER (F-F)
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
SDKN-99-34 WINCHESTER-SDKN-99-34 Datasheet
92Kb / 1P
N BULKHEAD ADAPTER F-F
SDKN-99-67 WINCHESTER-SDKN-99-67 Datasheet
51Kb / 1P
ADAPTER, F-F, BULKHEAD, ANGLE, N
KC-99-112MB8 WINCHESTER-KC-99-112MB8 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUP
KN-99-34 WINCHESTER-KN-99-34 Datasheet
36Kb / 1P
N BULKHEAD ADAPTER F-F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com