Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-IPEPS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AL-IPEPS
Description  AL-IPEPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AL-IPEPS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AL-IPEPS Datasheet HTML 1Page - Infinite Electronics International, Inc. AL-IPEPS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Local, Remote and Global Computer Control
FEATURES
Independent operation
Gives full control even during boot up, BIOS level or
computer crash states. The AdderLink ipeps will work
even if the controlled devices are not operational.
High video performance
The AdderLink ipeps can use a standard web browser
but for superior graphical performance, Real VNC is
used. Free of the limitations of HTTPS, Real VNC
greatly enhances video performance.
Highly secure
Employing enterprise grade security (using AES 128
bit encryption and RSA 2048 bit public key
authentication) as standard, the AdderLink ipeps is
further enhanced by the use of Real VNC that allows
for the creation of ciphered user communications.
User management
Knowing who does what and when is crucial for any
remote access service. The AdderLink ipeps can create
up to 16 user profiles with defined access rights.
Global user control and access management
Where many AdderLink ipeps devices are used it is
important that user access to devices is both secure
and quick. Optional ADDER.NET Enterprise
Management Software allows for an unlimited number
of devices to be seen and accessed at the click of a
button. Unlimited user profiles are also supported with
optional LDAP integration.
Virtual media support
To transfer files from remote users to controlled
computers, the AdderLink ipeps has been engineered
to act as a conduit through which data can be passed.
Files can be transferred via IP on to the AdderLink
ipeps and on to the target computer by means of a
USB virtual media port.
For Enterprise KVM solutions the AdderLink ipeps provides a
non-blocking global solution by providing each computer with a
dedicated KVM-via-IP engine. This can be enhanced by using the
ADDER.NET Enterprise Management Software that provides a
centralised and secure user access management interface.
Where a KVM switch exists without KVM-via-IP functionality, the
AdderLink ipeps is ideal for adding global management capabilities.
Increasing numbers of computers are being used in remote,
stand alone applications such as ATMs and digital signage play
out devices. The incredibly small size of the AdderLink ipeps
makes it perfect for remote management and control of
dispersed computers, meaning that many tasks that would have
required an expensive site visit can now be done from anywhere.
A powerful and flexible KVM-via-IP product contained with in a palm sized unit, the AdderLink ipeps enables computer
access from anywhere in the world, securely and remotely via the Internet or corporate network. The AdderLink ipeps uses
Real VNC client software that is specifically designed for secure, high performance KVM-via-IP applications.
Despite its small size, there is no compromise in the performance of the AdderLink ipeps. By using Adventiq Inside® on-chip
KVM-via-IP technology, an extremely high performance solution can be contained in a compact unit.
The AdderLink ipeps product is part of the Adder’s ‘ipeps’ (IP Engine per Server) concept
that delivers a complete, secure, non-blocking approach to computer management.
ADDERLINK


Similar Part No. - AL-IPEPS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AL-IPEPS-DA L-COM-AL-IPEPS-DA Datasheet
271Kb / 2P
AL-IPEPS-DA
More results

Similar Description - AL-IPEPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC100 ETC-SSC100 Datasheet
25Kb / 2P
FC-AL Embedded Controller
logo
Altech corporation
AL55-3 ALTECH-AL55-3 Datasheet
66Kb / 1P
ALUMINUM ENCLOSURE AL 553
logo
Coilcraft lnc.
Q3903 COILCRAFT-Q3903_13 Datasheet
200Kb / 1P
Toroidal Transformer ??Q3903-AL
GA3252 COILCRAFT-GA3252_13 Datasheet
279Kb / 2P
Power Inductor ??GA3252-AL
GA3199 COILCRAFT-GA3199_16 Datasheet
156Kb / 2P
Power Inductor ??GA3199-AL
logo
Hubbell Incorporated.
BURNDY_YA29A3U HUBBELL-BURNDY_YA29A3U Datasheet
259Kb / 2P
Uninsulated Al Compression Terminal, Undrilled, 250 kcmil Al/Cu, 600V - 35kV
BURNDY_YA39AM3DT HUBBELL-BURNDY_YA39AM3DT Datasheet
260Kb / 2P
Uninsulated Al Compression Terminal, Sealed, 2 Holes, 700 - 750 kcmil Al/Cu, 900 kcmil Al, 600V - 35kV, 1/2" Stud
BURNDY_YA4CA8 HUBBELL-BURNDY_YA4CA8 Datasheet
271Kb / 2P
4 AL 1-HOLE
logo
Telit loT Solutions
SE868K7-A TELIT-SE868K7-A Datasheet
716Kb / 2P
JUPITER SE868K7-A/AL
logo
SIKA BUILDING TRUST
AL-X SIKA-AL-X Datasheet
579Kb / 2P
Parex Historic AL-X
January 2022, Version 01.01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com