Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRAG2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 14Page - STMicroelectronics XRAG2 Datasheet HTML 15Page - STMicroelectronics XRAG2 Datasheet HTML 16Page - STMicroelectronics XRAG2 Datasheet HTML 17Page - STMicroelectronics XRAG2 Datasheet HTML 18Page - STMicroelectronics XRAG2 Datasheet HTML 19Page - STMicroelectronics XRAG2 Datasheet HTML 20Page - STMicroelectronics XRAG2 Datasheet HTML 21Page - STMicroelectronics XRAG2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Tag-to-reader protocol
XRAG2
18/33
Figure 12.
FM0 answer preamble with pilot tone (TRext=1).
1.
V = violation.
6.1.3
Tag-to-reader FM0 end of signaling
As specified in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9,
the tag ends transmissions with a dummy ‘1’. Figure 13 shows the different possibilities
occurring during communications.
Figure 13.
Tag-to-reader FM0 end of signaling
6.1.4
Tag-to-reader FM0 data rate
The Tag provides all FM0 backscattering modulation data rate specified in the EPCglobal
Class 1 generation 2 RFID UHF specification, revision 1.0.9:
40 Kbps
≤ LF ≤ 640 Kbps
6.1.5
Tag-to-reader Miller-modulated subcarrier encoding
The tag provides tag-to-reader Miller subcarrier modulation as specified in EPCglobal Class
1 generation 2 RFID UHF specification, revision 1.0.9.
The tag-to-reader Miller subcarrier modulation is chosen by the reader by setting the
Subcarrier Number parameter (M) to 2, 4 or 8 during the Query command starting the
inventory round. Figure 14 shows Miller subcarrier modulation sequence examples for M=2,
M=4 and M=8.
1
ai12316
010
1
0
0
0
0
12 leading zeroes (pilot tone)
V(1)
0
dummy 1
1
dummy 1
0
dummy 1
1
dummy 1
ai12317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com