Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237200000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1237200000
Description  SCZ 3.81/10/180FZE SN OR BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1237200000 Datasheet(HTML) 4 Page - Weidmuller

  1237200000 Datasheet HTML 1Page - Weidmuller 1237200000 Datasheet HTML 2Page - Weidmuller 1237200000 Datasheet HTML 3Page - Weidmuller 1237200000 Datasheet HTML 4Page - Weidmuller 1237200000 Datasheet HTML 5Page - Weidmuller 1237200000 Datasheet HTML 6Page - Weidmuller 1237200000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet
SCZ 3.81/10/180FZE SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
17.5 A
Rated current, max. number of poles
(Tu=20°C)
17.1 A
Rated current, min. number of poles
(Tu=40°C)
17.5 A
Rated current, max. number of poles
(Tu=40°C)
15.2 A
Rated voltage for surge voltage class /
pollution degree II/2
320 V
Rated voltage for surge voltage class /
pollution degree III/2
160 V
Rated voltage for surge voltage class /
pollution degree III/3
160 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
2.5 kV
Rated impulse voltage for surge voltage
class/ pollution degree III/2
2.5 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
2.5 kV
Short-time withstand current resistance 3 x 1s with 76 A
 
Rated data acc. to CSA
 
Rated voltage (Use group B / CSA)
300 V
Rated voltage (Use group C / CSA)
50 V
Rated current (Use group B / CSA)
10 A
Rated current (Use group C / CSA)
10 A
Wire cross-section, AWG, min.
AWG 28
Wire cross-section, AWG, max.
AWG 16
 
Rated data acc. to UL 1059
 
Institute (cURus)
CURUS
Certificate No. (cURus)
E60693
Rated voltage (Use group B / UL 1059) 300 V
Rated voltage (Use group D / UL 1059) 300 V
Rated current (Use group B / UL 1059) 10 A
Rated current (Use group D / UL 1059) 10 A
Wire cross-section, AWG, min.
AWG 28
Wire cross-section, AWG, max.
AWG 16
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Packing
 
Packaging
Box
VPE length
332.00 mm
VPE width
141.00 mm
VPE height
52.00 mm
 
Type tests
 
Test: Durability of markings
Standard
DIN EN 61984 section 7.3.2 / 09.02 taking
pattern from DIN EN 60068-2-70 / 07.96
Test
mark of origin, type identification, rated voltage,
rated cross-section, pitch, type of material,
approval marking UL, approval marking CSA
Evaluation
available
Test
durability
Evaluation
passed
Test: Misengagement (Non-
interchangeability)
Standard
DIN EN 61984 section 6.3 and 6.9.1 / 09.02,
DIN EN 60512-13-5 / 11.06
Test
180° turned without coding elements
Evaluation
passed
Test
visual examination
Evaluation
passed
Test: Clampable cross section
Standard
DIN EN 60999-1 section 7 and 9.1 / 12.00, DIN
EN 60947-1 section 8.2.4.5.1 / 12.02
Conductor type
Type of conductor
and conductor cross-
section
solid 0.08 mm²
Type of conductor
and conductor cross-
section
stranded 0.08 mm²
 
Creation date 24.02.2026 10:18:45 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com