Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKP-M2J-R Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # SKP-M2J-R
Description  Rotating Beacons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKP-M2J-R Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  SKP-M2J-R Datasheet HTML 1Page - PATLITE CORPORATION. SKP-M2J-R Datasheet HTML 2Page - PATLITE CORPORATION. SKP-M2J-R Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■SKP-M1J/SKP-M2J
[mm]
■
SKP-M1J
■
SKP-M2J
[5.Wiring Example]
[4.Mounting Dimensional Drawing]
Drawing No.
Rev.
Page
H
Recommended Tightening Torque
6.0N・m
【
External contact capacity of power supply line】
M1
M2
Current Capacity (Is)
3A or more
1A or more
【
External contact capacity of signal line and buzzer line】
M1
M2
Current Capacity (Is)
0.5A or more 0.5A or more
Withstand Voltage (Vs)
35V or more
20V or more
【
Fuse】
Fuse Rating
250V 1A
3/3
SKP-M1J-W18



Html Pages

1 2 3