Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCSP1027 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCSP1027
Description  Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 500W 50kA Blocking Cap and Gas Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1027 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCSP1027 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1027 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1027 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Features
• Surge current of 50kA
• Max Power 500W
• Frequency range from 1.5 MHz to 700 MHz
• N Female to N Female connectors
• VSWR 1.1:1
• Multi-strike capability
• Nuclear EMP protection
• CE & RoHS compliant
Applications
• HF, UHF and VHF radios
• Ham radios
• Remote industrial monitoring
.
Description
RF surge protector (also known as lightning arrester) LCSP1027 from L-COM utilizing a proprietary surge protection technol-
ogy protects critical hardware from lightening events while maintaining the RF performance. This RF surge protector com-
ponent is manufactured in a coaxial in-line design with wide operating frequency range. Optional weather proofing kit and
copper cleaning kit are available for purchase separately. All L-COM RF surge protector products are available in stock with
same day shipping.
Electrical Specifications
Surge Protector Type
Blocking Cap and Gas Tube
DC Handling
DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
1.5
700
MHz
Impedance
50
Ohms
VSWR
1.1:1
Return Loss
26
dB
Insertion Loss
0.1
dB
Input Power, CW
500
Watts
500W @ HF Band
200W @ VHF Band
100W @ UHF Band
Surge Current
50
kAmps
IEC 61000-4-5 8/20µs WAVEFORM
Turn On Voltage
330 ±20 %
Volts
.
Mechanical Specifications
.
Configuration
Input Connector
N Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 500W 50kA Blocking Cap and Gas
Tube LCSP1027
LCSP1027 REV 1.0
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz
- 700MHz DC Block 500W 50kA Blocking Cap and Gas Tube
RF Surge Protectors Technical Data Sheet
LCSP1027


Similar Part No. - LCSP1027

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCSP1021 L-COM-LCSP1021 Datasheet
297Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1022 L-COM-LCSP1022 Datasheet
294Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 500W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1023 L-COM-LCSP1023 Datasheet
295Kb / 3P
Type N M/F In/Out RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1024 L-COM-LCSP1024 Datasheet
295Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 10MHz - 1GHz DC Block 1.5kW 20kA Blocking Cap and Gas Tube
3/14/18
LCSP1025 L-COM-LCSP1025 Datasheet
293Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 2kW 50kA Blocking Cap and Gas Tube
3/14/18
More results

Similar Description - LCSP1027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com