Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMHDMF-5 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # PMHDMF-5
Description  CA HDMI PNL MNT M-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

PMHDMF-5 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  PMHDMF-5 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
OVERMOLDED HOOD,
PVC, BLACK
UL STYLE 20276,
(5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE,
(4) INDIVIDUAL CONDUCTORS, 28AWG,
OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER,
OUTER JACKET: PVC, BLACK
OVERMOLDED HOOD,
PVC, BLACK
1.18 30.0
PIN 1
HDMI FEMALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
AND SHELL
"P1"
2X, 4-40 UNC-2B
INSERTS
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
AND SHELL
PIN 1
"P2"
2X, 4-40 UNC-2A x 3/8 LG
PAN HEAD SCREW
.24 6.0
.63 16.0
2X .14 3.5
1.18 30.0
12
DRAIN WIRE/BRAID
8
4
SHELL
"P1"
SHELL
11
1
2
2
4
1
5
6
14
6
19
15
8
17
15
12
13
13
9
7
18
19
11
17
10
16
"P2"
3
16
7
9
5
3
18
14
10
WIRE MAP
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN A
CLEAR POLYBAG AND LABELED PER LSP-010.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
RECOMMENDED
PANEL CUTOUT
D
PART
NUMBER
LENGTH
METERS FEET
PMHDMF-0.5
0.5
1.64
PMHDMF-1
1.0
3.28
PMHDMF-2
2.0
6.56
PMHDMF-3
3.0
9.84
PMHDMF-4
4.0
13.12
PMHDMF-5
5.0
16.40
D
C
B
A
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
D
D.FRISIELLO
R.SCOTT
P. MCNEIL
8/10/11
8/10/11
8/10/11
A
INITIAL RELEASE
10/14/11 D.GRIFFIN
B
2/20/14
ECN 7302: CHANGED "P2" HOOD STYLE
D. CASTRO
C
ECN 7522: MODIFIED NOTE 2 TO PACK IN CLEAR POLYBAG
7/21/14
D. CASTRO
CA HDMI PNL MNT M-F
CATEGORY
PRODUCT DESCRIPTION
D
ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL,
12/22/2017 B.ZHANG
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
PMHDMF
FSCM NO.
43321
SHEET 1 OF 1
CAD FILE: PMHDMF.SLDDRW
SCALE: 1:4
AUDIO/VIDEO
PROJECTION
COLOR VARIATIONS
MAY OCCUR
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2 [5.08]
.XX = ±.02 [.51]
.XXX = ± .005 [.13]


Similar Part No. - PMHDMF-5

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
PMHDMF-5 L-COM-PMHDMF-5 Datasheet
81Kb / 1P
CA HDMI PNL MNT M-F
8/10/11
PMHDMF-5 L-COM-PMHDMF-5 Datasheet
81Kb / 1P
CA HDMI PNL MNT M-F
8/10/11
PMHDMF-5 L-COM-PMHDMF-5 Datasheet
81Kb / 1P
CA HDMI PNL MNT M-F
8/10/11
PMHDMF-5 L-COM-PMHDMF-5 Datasheet
81Kb / 1P
CA HDMI PNL MNT M-F
8/10/11
PMHDMF-5 L-COM-PMHDMF-5 Datasheet
81Kb / 1P
CA HDMI PNL MNT M-F
8/10/11
More results

Similar Description - PMHDMF-5

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Tripp Lite. All Rights ...
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P142000UD TRIPPLITE-P142000UD Datasheet
490Kb / 2P
HDMI Swivel Adapter (Up - Down) (M-F)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P142-000-UD TRIPPLITE-P142-000-UD Datasheet
158Kb / 2P
HDMI Swivel Adapter (Up / Down) (M/F)
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
CONN D-SUB RCPT 50POS PNL MNT
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com