| Electronic Components Datasheet Search |
|
PMHDMF-3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
PMHDMF-3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc. |
|
|
1 / 1 page ![]() LENGTH OVERMOLDED HOOD, PVC, BLACK UL STYLE 20276, (5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE, (4) INDIVIDUAL CONDUCTORS, 28AWG, OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER, OUTER JACKET: PVC, BLACK OVERMOLDED HOOD, PVC, BLACK 1.18 30.0 PIN 1 HDMI FEMALE 19 PIN CONNECTOR GOLD PLATED CONTACTS AND SHELL "P1" 2X, 4-40 UNC-2B INSERTS HDMI MALE 19 PIN CONNECTOR GOLD PLATED CONTACTS AND SHELL PIN 1 "P2" 2X, 4-40 UNC-2A x 3/8 LG PAN HEAD SCREW .24 6.0 .63 16.0 2X .14 3.5 1.18 30.0 12 DRAIN WIRE/BRAID 8 4 SHELL "P1" SHELL 11 1 2 2 4 1 5 6 14 6 19 15 8 17 15 12 13 13 9 7 18 19 11 17 10 16 "P2" 3 16 7 9 5 3 18 14 10 WIRE MAP NOTES: 1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY. 2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN A CLEAR POLYBAG AND LABELED PER LSP-010. 3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN). REGULATORY COMPLIANCE: CE2011/65/EU(RoHS DIRECTIVE) RECOMMENDED PANEL CUTOUT D PART NUMBER LENGTH METERS FEET PMHDMF-0.5 0.5 1.64 PMHDMF-1 1.0 3.28 PMHDMF-2 2.0 6.56 PMHDMF-3 3.0 9.84 PMHDMF-4 4.0 13.12 PMHDMF-5 5.0 16.40 D C B A A B C D 50 HIGH STREET NORTH ANDOVER, MA 01845 SIZE DWG. NO. B DATE APPROVALS DRAWN BY CHECKED BY APPROVED BY 1 2 3 4 5 6 7 8 8 7 6 5 4 3 2 1 THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED. REVISIONS REV DESCRIPTION DATE CHANGED BY REV. D D.FRISIELLO R.SCOTT P. MCNEIL 8/10/11 8/10/11 8/10/11 A INITIAL RELEASE 10/14/11 D.GRIFFIN B 2/20/14 ECN 7302: CHANGED "P2" HOOD STYLE D. CASTRO C ECN 7522: MODIFIED NOTE 2 TO PACK IN CLEAR POLYBAG 7/21/14 D. CASTRO CA HDMI PNL MNT M-F CATEGORY PRODUCT DESCRIPTION D ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL, 12/22/2017 B.ZHANG CONFIGURATION DETAILS OF UNDIMENSIONED FEATURES MAY VARY PMHDMF FSCM NO. 43321 SHEET 1 OF 1 CAD FILE: PMHDMF.SLDDRW SCALE: 1:4 AUDIO/VIDEO PROJECTION COLOR VARIATIONS MAY OCCUR DIMENSIONS ARE IN INCHES [mm] UNLESS OTHERWISE SPECIFIED, OVERALL CABLE LENGTH TOLERANCE: ≤12 [305] = +1 [25] / -0 >12 [305] ≤60 [1524] = +2[51] / -0 >60 [1524] ≤120 [3048] = +4 [102] / -0 >120 [3048] ≤300 [7620] = +6 [152] / -0 >300 [7620] = +5% / -0% ALL OTHER DIMENSIONAL TOLERANCES: .X = ±.2 [5.08] .XX = ±.02 [.51] .XXX = ± .005 [.13] |
Similar Part No. - PMHDMF-3 |
|
Similar Description - PMHDMF-3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |