Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCB407 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # WCB407
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

WCB407 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  WCB407 Datasheet HTML 1Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 2Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 3Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 4Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 5Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 6Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 7Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 8Page - Wavelength Electronics, Inc. WCB407 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
QUICK CONNECT GUIDE
CONNECT THE POWER
On the back panel, insert the female end of the IEC AC power
cable into the Power receptacle and then plug the male end
into the AC power source.
NOTE: Place the LDTC LAB instrument at least 6” away
from any wall to provide adequate ventilation and prevent
overheating.
WIRE A TEST LOAD – TC
We recommend using a test load and simulated thermistor
when first configuring the LDTC LAB instrument. The
thermistor test load simulates a 10 kΩ thermistor operating
at 25ºC.
Wire a test load to a 15+2 D-SUB plug and insert the plug into
the
TEC Out/Sensors D-SUB port located on the back panel.
10 kΩ
SENSOR- (1)
SENSOR+ (2)
R
LOAD Recommendation
0 to 5 A: 1 Ω, > 25 W
0 to 10 A: 0.5 Ω, > 50 W
Resistors may require
heatsinking.
R
LOAD
TEC+ (A1)
TEC- (A2)
Test Load
Thermistor Test Load
Figure 1. TC Test Load Wiring Schematic
Setting up this test load allows current to be driven to either
the positive or negative limit. Choose units of Sensor Raw
and change the setpoint above or below the 10 kΩ value. This
confirms proper operation and direction of the current flow.
WIRE A TEST LOAD – LD
We recommend using a test load when first configuring the
LDTC LAB instrument. The test load shown in
Figure 2
simulates a laser load.
Note that Type A and B lasers use the top DB15 (female)
connector, while Type C lasers use the bottom DB15 (male)
connector.
1N4001
1N4001
LDC
(Pin 9)
LDA
(Pin 1)
1 Ω, 2 W
Constant Current Mode
Figure 2. Test Laser Load (Constant Current Mode)
CONFIGURE LD INTERLOCKS
1. For the passive interlock, short Pin 2 and Pin 3 on the
appropriate LD D-SUB on the rear panel (this is already
done on the connectors delivered with the instrument).
2. For the active interlock, insert a BNC terminator in the
ACTIVE LOCK on the rear panel (provided with the
instrument).
3. On the front panel, the key switch must be set to UNLOCK
to enable laser current output.
TURN ON POWER
Press the
Power switch on the back panel to the | position.
The touchscreen is activated, and the Dual Monitor Screen is
visible.
NAVIGATE THE FRONT PANEL
There are two separate sets of screens: laser diode control
(LD) and temperature control (TC). The TC screens always
display temperature or sensor units in large green (un-
editable) text. The LD screens always display LD current, in
large green (un-editable) text.
Figure 3. Use these buttons to navigate between sets of
screens on the LDTC LAB.
Left: LD screens
Right: TC screens
SET THE LIMITS – TC
1. Access the TC screens.
2. Press to access the TC Limit Screen.
3. On the TC Limit Screen, press the blue Limit
Current values and rotate the adjustment knob to change
to the desired values. The instrument will beep when set.
The positive and negative current settings indicate the
direction of flow during heating and cooling. Both values
are set as a positive number.
4. Press and adjust the MAX TEMP and MIN TEMP
values. The temperature setpoint is restricted by these
values, and the laser diode current can be disabled if load
temperature exceeds these limits.
CHOOSE A TC SENSOR
1. Press to access the Sensor Screen.
2. Press the sensor name and turn the
adjustment knob to cycle through the factory
defaults or any user-defined sensors.
Choose the sensor to match the test load or the appropriate
sensor for the test load. Thermistors also require choosing the
correct bias current. The 10 kΩ thermistor test load suggested
uses a 100 µA bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com