Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDRAZ3-2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDRAZ3-2
Description  CA, HDMI RA TOP EXIT TO STR, LSZH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDRAZ3-2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDRAZ3-2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIN 1
2X, HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
2X, MOLDED HOOD
AND STRAIN RELIEF,
LSZH, BLACK
.36
TYP.
9.19
UL STYLE 21551,
(5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE,
(4) INDIVIDUAL CONDUCTORS, 28AWG,
OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER,
OUTER JACKET: LOW SMOKE ZERO HALOGEN, BLACK
LENGTH
MODEL NO.
LENGTH
METERS [FEET]
HDRAZ3-0.5
0.5 [1.64]
HDRAZ3-1
1.0 [3.28]
HDRAZ3-2
2.0 [6.56]
HDRAZ3-3
3.0 [9.84]
HDRAZ3-4
4.0 [13.12]
HDRAZ3-5
5.0 [16.41]
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
"P1"
"P2"
12
DRAIN WIRE/BRAID
8
4
SHELL
"P1"
SHELL
11
1
2
2
4
1
5
6
14
6
19
15
8
17
15
12
13
13
9
7
18
19
11
17
10
16
"P2"
3
16
7
9
5
3
18
14
10
WIRE MAP
C
C
LSZH CABLE CHARACTERISTICS:
FLAME RATING: IEC 60332-1
CORROSIVE GAS: IEC 60754
SMOKE EMISSION: IEC 61034
°
UNDIMENSIONED FEATURES
HDRAZ3
11/15/11
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
HDRAZ3.SLDDRW
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
1.978.682.6936
6
1
REV
7
C
1
R.SCOTT
11/15/11
REVISIONS
DESCRIPTION
8
12/27/11
APPROVED
DATE
11/15/11
B.ZHANG
MAY OCCUR
D.GRIFFIN
MAY VARY
C
12/22/2017
ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL, NEW DWG FORMAT
B
ECN 10853; REVISE UL STYLE TO 21551,ADD LSZH CBL CHARACTERISTICS TO DWG,NEW FORMAT
12/22/2020 MBLACKWOOD
ANGLES ± 1
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
CA, HDMI RA TOP EXIT TO STR, LSZH
A
CAGE CODE
INITIAL RELEASE
± 1/32
FRACTIONS
NONE
AUDIO/VIDEO
CATEGORY
T-Rev.D
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
50 High Street, West Mill,
ALL OTHER DIMENSIONAL TOLERANCES:
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
43321
CAD FILE:
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
PIN 1


Similar Part No. - HDRAZ3-2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDRAZ3-2 L-COM-HDRAZ3-2 Datasheet
213Kb / 1P
CA, HDMI RA TOP EXIT TO STR, LSZH
11/15/11
HDRAZ3-2 L-COM-HDRAZ3-2 Datasheet
213Kb / 1P
CA, HDMI RA TOP EXIT TO STR, LSZH
11/15/11
HDRAZ3-2 L-COM-HDRAZ3-2 Datasheet
213Kb / 1P
CA, HDMI RA TOP EXIT TO STR, LSZH
11/15/11
HDRAZ3-2 L-COM-HDRAZ3-2 Datasheet
213Kb / 1P
CA, HDMI RA TOP EXIT TO STR, LSZH
11/15/11
HDRAZ3-2 L-COM-HDRAZ3-2 Datasheet
213Kb / 1P
CA, HDMI RA TOP EXIT TO STR, LSZH
11/15/11
More results

Similar Description - HDRAZ3-2

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11869X CONEC-165X11869X Datasheet
94Kb / 1P
PLASTIC HOOD 9POS WITH TOP CABLE EXIT 15-50POS, WITH TOP AND SIDE CABLE EXIT
logo
Molex Electronics Ltd.
89761-6772 MOLEX2-89761-6772 Datasheet
88Kb / 1P
CA SMA JACK STR BKHD TO MCX PLUG R/A
89761-6812 MOLEX2-89761-6812 Datasheet
84Kb / 1P
CA SMA JACK STR BKHD TO MMCX PLUG STR W/RG316
SD-89761-167 MOLEX-SD-89761-167 Datasheet
87Kb / 1P
CA SMA JACK STR BKHD TO STRIP W/RG178 CABLE CA-SMAJ/STRIP
2005/12/29
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897616133 MOLEX-897616133 Datasheet
65Kb / 1P
CA, MCX PLUG RA 50 OHMS, RG316 EWR-3704, CA-MCX
2008/07/24
897616780 MOLEX-897616780 Datasheet
48Kb / 1P
MMCX P STR TO MMCX P STR ON RG316 CA-MMCX, EWR-3874
2009/01/08
897616790 MOLEX-897616790 Datasheet
54Kb / 1P
MMCX PLUG RA TO MMCX PLUG RA ON RG316 CA-MMCX, EWR-3874
2009/01/08
897616810 MOLEX-897616810 Datasheet
84Kb / 1P
CA SMA JACK STR BKHD TO MMCX PLUG STR W/RG316 CA-SMAJ/MMCXP., EWR-3874
2009/01/08
logo
CONEC Elektronische Bau...
165X11919X CONEC-165X11919X Datasheet
78Kb / 1P
PLASTIC HOOD 9pos. with top cable exit 15-50pos. with top and side cable exit
2001.11.12.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com