Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDRAZ-4 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDRAZ-4
Description  CA HDMI-M/RA-M LSZH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDRAZ-4 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDRAZ-4 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.75
44.5
.41
10.5
UL STYLE 21551,
(5) INDIVIDUALLY SHIELDED TWISTED PAIRS, 28AWG, WITH DRAIN WIRE,
(4) INDIVIDUAL CONDUCTORS, 28AWG,
OVERALL SHIELD: ALUMINUM MYLAR PLUS BRAIDED TINNED COPPER,
OUTER JACKET: LOW SMOKE ZERO HALOGEN, BLACK
LENGTH
PIN 1
19
2
18
PIN 1
19
2X, MOLDED HOOD
AND STRAIN RELIEF,
LSZH, BLACK
°
NONE
FRACTIONS
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
1.978.682.6936
9/21/11
OVERALL CABLE LENGTH TOLERANCE:
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
CAGE CODE
PRODUCT DESCRIPTION
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
DATE
A
C
DIMENSIONS ARE IN INCHES [mm]
4
8
6
HDRAZ
1
D. PARHAM
9/21/11
5
REVISIONS
DESCRIPTION
7
APPROVED
MAY OCCUR
REV
9/21/11
INITIAL RELEASE
B.ZHANG
1
C
B
D.GRIFFIN
12/22/2017
ECN 10853; REVISE UL STYLE TO 21551,ADD LSZH CBL CHARACTERISTICS TO DWG,NEW FORMAT
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
8
43321
3
4
5
6
7
9/22/11
CA HDMI-M/RA-M LSZH
ECN 9020; REVISED NOTES TO REMOVE HDMI LABEL, NEW DWG FORMAT
CAD FILE: HDRAZ.SLDDRW
ANGLES ± 1
MBLACKWOOD
12/22/2020
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
>60 [1524] ≤120 [3048] = +4 [102] / -0
Phone: 1.800.341.5266
T-Rev.D
North Andover, MA 01845 USA.
MAY VARY
CATEGORY
± 1/32
>12 [305] ≤60 [1524] = +2 [51] / -0
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
18
2
MODEL NO.
LENGTH
METERS [FEET]
HDRAZ-0.5
0.5 [1.64]
HDRAZ-1
1.0 [3.28]
HDRAZ-2
2.0 [6.56]
HDRAZ-3
3.0 [9.84]
HDRAZ-4
4.0 [13.12]
HDRAZ-5
5.0 [16.41]
WIRE MAP
10
14
18
3
5
9
7
16
3
"P2"
16
10
17
11
19
18
7
9
13
13
12
15
17
8
15
19
6
14
6
5
1
4
2
2
1
11
SHELL
"P1"
SHELL
4
8
DRAIN WIRE/BRAID
12
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
C
C
LSZH CABLE CHARACTERISTICS:
FLAME RATING: IEC 60332-1
CORROSIVE GAS: IEC 60754
SMOKE EMISSION: IEC 61034
"P1"
"P2"
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
HDMI MALE
19 PIN CONNECTOR
GOLD PLATED CONTACTS
C
C


Similar Part No. - HDRAZ-4

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDRAZ-4 L-COM-HDRAZ-4 Datasheet
211Kb / 1P
CA HDMI-M/RA-M LSZH
9/21/11
HDRAZ-4 L-COM-HDRAZ-4 Datasheet
211Kb / 1P
CA HDMI-M/RA-M LSZH
9/21/11
HDRAZ-4 L-COM-HDRAZ-4 Datasheet
211Kb / 1P
CA HDMI-M/RA-M LSZH
9/21/11
HDRAZ-4 L-COM-HDRAZ-4 Datasheet
211Kb / 1P
CA HDMI-M/RA-M LSZH
9/21/11
More results

Similar Description - HDRAZ-4

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Assmann Electronics Inc...
AK-330102-020-S ASSMANN-AK-330102-020-S Datasheet
323Kb / 2P
HDMI A/M - A/M CABLE
AK-330102-050-S ASSMANN-AK-330102-050-S Datasheet
322Kb / 2P
HDMI A/M - A/M CABLE
AK-330300-100-S ASSMANN-AK-330300-100-S Datasheet
306Kb / 2P
HDMI 19P/M - DVI_D/M CABLE
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A Datasheet
1Mb / 8P
MMCX(M) RA Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com