Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVT Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RVT
Description  Resin rivet to provide vibration damping
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RVT Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RVT Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
●
(
:
)
(Unit:mm)
(Unit:mm)
φ4.5mm
●
●
●
(
:
)
φ12.6
φ4mm
● Left photo
① Nylon 66(Color:Black)
● Left photo
② TPEE (Color:Natural)
RIVET / RVT
Features
Material
● Quick insertion in mounting holes in flanges of fans
etc with no screw needed.
● Elastomeric material provides effective vibration control.
A
Snap Mounting(by Pushing rivet)
Round hole
UL94 HB
UL94 HB
UL94 V-O
Resin rivet to provide vibration damping
φ8.5
①
②
DC Fan or Chassis B
Chassis A
φ3.8
φ6.6
4.4
φ
4.3±0.2
C
Part No.
Mounting hole size Panel thickness
Std. Package
ES-1K
ES-2K
ES-3K
ES-4K
ES-5K
D+9.5
500 pcs.
Screw diameter Screw length (Nominal length)
4.5
11.0
A
0.8
1.6
3.2
4.8
6.4
B
9.7
□C
□6.7
0.5~2.0
+0.3
 0
Part No.
Mounting hole size Panel thickness Std. Package
TFR-1
TFR-3
TFR-4
D 
+12.5
Screw diameter
φ4
19.4
A
0.8
3.2
4.8
B
□7.9  
+0.2
 0
0.5~
2.8
Screw length (Nominal length)
500
pcs.
Part No.
Mounting hole size
Panel thickness
Std. Package
RVT-9943
9.9±0.3
100 pcs.
20


Similar Part No. - RVT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVT-100V100MG10U-R2 TAIYO-YUDEN-RVT-100V100MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V100MG10UQ-R2 TAIYO-YUDEN-RVT-100V100MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MG10U-R2 TAIYO-YUDEN-RVT-100V220MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MG10UQ-R2 TAIYO-YUDEN-RVT-100V220MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MH10U-R2 TAIYO-YUDEN-RVT-100V220MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
More results

Similar Description - RVT

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3318 ALCOA-99-3318 Datasheet
163Kb / 2P
Blind Rivet
99-3316-68 ALCOA-99-3316-68 Datasheet
130Kb / 2P
Blind Rivet
99-3307 ALCOA-99-3307 Datasheet
157Kb / 2P
Blind Rivet
99-3301 ALCOA-99-3301 Datasheet
122Kb / 2P
Blind Rivet
logo
List of Unclassifed Man...
12BC524-GR ETC2-12BC524-GR Datasheet
68Kb / 1P
Rivet
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
logo
3M Electronics
2552 3M-2552 Datasheet
118Kb / 4P
Damping Foil
Jan-2012
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com