Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSG Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RSG
Description  Releasable snap-mount band that allows for easy access and maintenance of cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RSG Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RSG Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE-USE BAND / RSG
Features
● Detachable snap and un-lockable band allow easy
maintenance and disassembling.
Reusable Snap Mounting
Material
Round hole
REUSABLE
RSG-100V0,130V0
Detachable snap
5.2
D
(A)
C
RSG-190E-BK
4.5
(D)
(C)
(A)
❶ Push
Push the lever
❷ Withdraw
Withdraw
Hook
PUSH
Snap removal
Bundle release
Holding remaining part
● Nylon66(Color:Black / RSG-150E-BK, -190E-BK)
● Nylon66(Color:Natural / RSG-100 V0, -130 V0)
UL94 V-2
UL94 V-0
Releasable snap-mount band that allows
for easy access and maintenance of cables
62275
RSG-150E-BK
G
(D)
E
(C)
(A)
UL
UL
Part No.
16.2
17.9
16.0
17.0
1.8
2.7
5.9
5.7
5.9
6.2
15.0
27.0
0.5~1.6
0.6~2.4
0.5~2.3
0.5~2.3
φ1~20
φ1~24
φ7~30
φ10~47
500 pcs.
100 pcs.
100.0
133.5
149.3
195.2
RSG-100 V0
RSG-130-V0
RSG-150E-BK
RSG-190E-BK
(A) (B) (C) (D)
5.2
5.2
4.4
4.5
E
7.3
7.3
9.5
11.4
(F)
3.3
3.3
4.7
6.7
G
Mounting hole size Panel thickness Bundle diameter
Std. Package
φ4.8+0.2
0
(Unit:mm)
…UL62275 recognized product
UL
※RSG-190E-BK only
83


Similar Part No. - RSG

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RSG-100 V0 KGS-RSG-100 V0 Datasheet
136Kb / 1P
Space-saving, Reusable cable tie for φ1 ~ 15mm bundles
logo
Okaya Electric America,...
RSG-102-BJL OKAYA-RSG-102-BJL Datasheet
110Kb / 6P
Rodan Spark Gap
RSG-302-BKL OKAYA-RSG-302-BKL Datasheet
119Kb / 6P
Rodan Spark Gap
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
Rodan Spark Gap
RSG-801-BJL OKAYA-RSG-801-BJL Datasheet
104Kb / 6P
Rodan Spark Gap
More results

Similar Description - RSG

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
Pluggable engine box: Easy system configuration and maintenance
logo
Silicon Laboratories
SI501-EVB SILABS-SI501-EVB Datasheet
1Mb / 19P
USB plug-in board that allows for evaluation of the Si50x family of CMEMS oscillators.
logo
List of Unclassifed Man...
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
FCC-1A ETC2-FCC-1A Datasheet
69Kb / 1P
This system allows the secure and neat fixing of between 1 and 25 ribbon cables.
GP-1450 ETC2-GP-1450 Datasheet
505Kb / 2P
PEN film reinforcement allows easy
logo
Axiomtek Co., Ltd.
OPS870 AXIOMTEK-OPS870_16 Datasheet
240Kb / 1P
Easy maintenance: pluggable HDD and easy-to-change DRAM
OPS870-HM AXIOMTEK-OPS870-HM_16 Datasheet
286Kb / 1P
Easy maintenance: pluggable HDD and easy-to-change DRAM
logo
Ralston Instruments.
NPAK-TRS0-2MS0-2FSA RALSTON-NPAK-TRS0-2MS0-2FSA_16 Datasheet
474Kb / 1P
Quick-release lid allows for easy cleaning of dirt or liquid without tools
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
MAX77863EVKIT MAXIM-MAX77863EVKIT Datasheet
1Mb / 12P
USB-to-I2C Converter Allows for Easy Communication
319-100450; Rev 1; 6/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com