Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDB-00 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # APDB-00
Description  Dot-Pattern Infrared Illuminator for 3D Stereoscopic Imaging
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

APDB-00 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button APDB-00 Datasheet HTML 15Page - ams-OSRAM AG APDB-00 Datasheet HTML 16Page - ams-OSRAM AG APDB-00 Datasheet HTML 17Page - ams-OSRAM AG APDB-00 Datasheet HTML 18Page - ams-OSRAM AG APDB-00 Datasheet HTML 19Page - ams-OSRAM AG APDB-00 Datasheet HTML 20Page - ams-OSRAM AG APDB-00 Datasheet HTML 21Page - ams-OSRAM AG APDB-00 Datasheet HTML 22Page - ams-OSRAM AG APDB-00 Datasheet HTML 23Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Document Feedback
BELICE-850
Appendix
Datasheet
• PUBLIC
DS000618
• v2-00 • 2019-May-15
22
│ 20
12
Appendix
12.1
RoHS & REACH Compliance
The BELICE module is compliant with the European RoHS Directive 2002/95/EC (Restriction of the
Use of Certain Hazardous Substances in Electrical and Electronic Equipment) and REACH
(Registration, Authorization and Restriction of Chemicals, European Union Regulation (EC)
1907/2006).
12.2
Safety Advice
Depending on the operational use of the device, the modules can emit highly concentrated non-visible
infrared light which can be hazardous to the human eyes. Products incorporating these modules may
have to follow the safety precautions described by IEC 60825-1 and IEC 62471.
This product emits infrared radiation and has not yet been classified under IEC 60825-1. All
appropriate safety precautions should be exercised in the operation and use of this product.
CAUTION
Avoid direct eye exposure except as may be determined and directed by Purchaser.
Appropriate protective eyewear should be worn when operating.
Use of magnifying optical instruments with this component may increase eye hazard.
LASER PRODUCT
LASER RADIATION – AVOID DIRECT EYE EXPOSURE
WAVELENGTH: 850nm
MAXIMUM OUTPUT POWER: Depends on drive mode
WEAR PROTECTIVE GLASSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com