Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7264N Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 17Page - ams-OSRAM AG AS7264N Datasheet HTML 18Page - ams-OSRAM AG AS7264N Datasheet HTML 19Page - ams-OSRAM AG AS7264N Datasheet HTML 20Page - ams-OSRAM AG AS7264N Datasheet HTML 21Page - ams-OSRAM AG AS7264N Datasheet HTML 22Page - ams-OSRAM AG AS7264N Datasheet HTML 23Page - ams-OSRAM AG AS7264N Datasheet HTML 24Page - ams-OSRAM AG AS7264N Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Detailed Descriptions
Detailed Register Description
Figure 18:
Device ID and Version Registers
Figure 19:
Device Configuration Registers
Addr: 0x01
Device Identification
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_ID
01110010
R
Device identification number
Addr: 0x11
Device Version
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_VER
R
Device version number
Addr: 0x70
Device Configuration 1
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_Config_1
R/W
Device Configuration 1, must be initialized to 0x8A by
external MCU
Addr: 0x71
Device Configuration 2
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_Config_2
R/W
Device Configuration 1, must be initialized to 0x02 by
external MCU
Addr: 0xB0
Device Configuration 3
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_Config_3
R/W
Device Configuration 1, must be initialized to 0x02 by
external MCU
Addr: 0x88
Device Configuration 4
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_Config_4
R/W
Device Configuration 1, must be initialized to 0x00 by
external MCU
Addr: 0x9A
Device Configuration 5
Bit
Bit Name
Default
Access
Bit Description
7:0
DEV_Config_5
R/W
Device Configuration 1, must be initialized to 0x02 by
external MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com