Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLDVISPL-3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CTLDVISPL-3
Description  CBL DVI-D M/M SL PL ARM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CTLDVISPL-3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CTLDVISPL-3 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
U.L. STYLE 20276
(4) 30AWG INDIVIDUALLY SHIELDED TWISTED PAIRS,
(5) 28AWG CONDUCTORS, OVERALL ALUMINIZED
POLYESTER FILM SHIELD PLUS TINNED COPPER BRAID SHIELD,
PVC OUTER JACKET: GRAY
(PANTONE 424C).
(CABLE NOT SHOWN)
4X 4-40 UNC-2A
METAL THUMBSCREW
2X MOLDED PVC HOOD,
COLOR: BLACK
PLASTIC ARMOR,
BLACK
2X MALE
DVI-D SINGLE
LINK CONNECTOR
PIN 1
PIN 1
L-COM LOGO
BOTH ENDS
VIEW A-A
18
17
19
10
9
11
15
14
2
1
3
16
7
6
SHELL
SHELL
6
7
16
3
1
2
14
15
9
10
19
17
18
(BLACK)
(LT. GREEN)
(GND)
(GND)
(BROWN)
(YELLOW)
11
(BLACK)
(BROWN)
(RED)
(ORANGE)
(GND)
(ORANGE)
(YELLOW)
(WHITE)
(GND)
(LT. BLUE)
(WHITE)
23
24
22
22
24
23
(SHIELD DRAIN WIRE)
WIRE MAP
"P1"
"P2"
"P1"
"P2"
PIN 8 NO CONNECTION
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. DUST COVERS INSTALLED FOR SHIPPING (NOT SHOWN).
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
A
A
B
B
B
MODEL
NUMBER
LENGTH
FEET
METERS
CTLDVISPL-3
3.0
[.91]
CTLDVISPL-5
5.0
[1.52]
CTLDVISPL-10
10.0
[3.05]
CTLDVISPL-15
15.0
[4.57]
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CTLDVISPL
B
CTLDVISPL.SLDDRW
1
1
R.SCOTT
7/15/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.McNEIL
7/15/11
7/20/11
A
B
INITIAL RELEASE
ECN8182; UPDT DWG FROM MOLDED THUMBSCREW TO METAL THUMBSCREW 11/28/2015
D.GRIFFIN
B.ZHANG
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CBL DVI-D M/M SL PL ARM
VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
7/15/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - CTLDVISPL-3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CTLDVISPL-3 L-COM-CTLDVISPL-3 Datasheet
90Kb / 1P
CBL DVI-D M/M SL PL ARM
7/15/11
CTLDVISPL-3 L-COM-CTLDVISPL-3 Datasheet
90Kb / 1P
CBL DVI-D M/M SL PL ARM
7/15/11
More results

Similar Description - CTLDVISPL-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88768-3620 MOLEX2-88768-3620 Datasheet
549Kb / 8P
HDMI(M) TO DVI-D(M) CABLE ASSY
logo
Winchester Electronics ...
SD125-114-5 WINCHESTER-SD125-114-5 Datasheet
72Kb / 1P
PL TNC M
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-020 TRIPPLITE-P560-020 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 20-ft.
P560-030 TRIPPLITE-P560-030 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 30-ft.
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
logo
IOGEAR
GHDDVIC4K3 IOGEAR-GHDDVIC4K3 Datasheet
162Kb / 2P
HDMI (M) to DVI-D (M) Adapter Cable
logo
List of Unclassifed Man...
DELPHI_12010295 ETC-DELPHI_12010295 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com