| Electronic Components Datasheet Search |
|
AM261...ZNC Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 218 page ![]() Table 5-42. OSPI0 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] OSPI0_CSn0 O OSPI0 Chip Select 0 H1, J2, P1 J3, L2, U4 F3, N3 G1, R1 OSPI0_CSn1 O OSPI0 Chip Select 1 F4, R3 G2, T2 D2, M3 D2, R2 OSPI0_D0 IO OSPI0 Data bit 0 G3, N1, N2, P1 H2, M3, R2, U4 E2, L2, M2, N3 E1, M2, N2, R1 OSPI0_D1 IO OSPI0 Data bit 1 F1, J1, K3, N4 G1, K2, M2, R1 D1, G1, G3, N1 D1, J1, N1 OSPI0_D2 IO OSPI0 Data bit 2 L1, M1, M4 P1, P2, T1 J3, K1, L3 K2, L1, P2 OSPI0_D3 IO OSPI0 Data bit 3 K4, P3 L1, U1 H2, N2 H2, P1 OSPI0_D4 IO OSPI0 Data bit 4 M1, M3, P3 P1, R4, U1 J3, L1, N2 K2, M1, P1 OSPI0_D5 IO OSPI0 Data bit 5 K2, L1 K1, P2 G2, K1 G2, L1 OSPI0_D6 IO OSPI0 Data bit 6 L1, L2, M4 N2, P2, T1 K1, K2, L3 J2, L1, P2 OSPI0_D7 IO OSPI0 Data bit 7 J4, K1 L4, N1 H3, J2 H1, K1 OSPI0_RESET_OUT0(2) (3) O OSPI0 Reset Out 0 B9, D9, G1, G2, J1, J3 B11, C9, E1, J1, K2, K4 C11, D3, D8, F2, G3 B10, C1, F2 OSPI0_RESET_OUT1 O OSPI0 Reset Out 1 A9, B8, H1 A11, B10, J3 B8, C10 A10, A11 (1) OSPI0_LBCLKO is a clock loopback output signal used for peripheral timing. (2) In OSPI boot mode, the AM261x ROM code configures GPIO61 as OSPI0_RESET_OUT0 and drives the pin low to reset an external OSPI device during this boot mode. However, due to a configuration in the OSPI controller, this pin does not de-assert after and external OSPI flash device resets, thus holding any external flash device in reset and causing the boot to fail. For more information, see the AM261x Errata Document. (3) For additional information on OSPI flash reset, see OSPI Reset within the Applications, Implementation and Layout section. Table 5-43. OSPI1 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] OSPI1_CLK O OSPI1 Clock H2, K1, R17 H1, N1, W20 E1, J2, P16 F1, K1, V19 OSPI1_DQS I OSPI1 Data Strobe (DQS) or Loopback Clock input P18 U19 L13 R17 OSPI1_ECC_FAIL I OSPI1 ECC Failure Status Pin A9, M2, N17 A11, M1, T19 C10, H1, M15 A11, J3, T18 OSPI1_LBCLKO (1) O OSPI1 Loopback Clock output L3 T3 M1 L2 OSPI1_CSn0 O OSPI1 Chip Select 0 J2, P17 L2, V20 F3, N16 G1, U19 OSPI1_CSn1 O OSPI1 Chip Select 1 F4 G2 D2 D2 OSPI1_D0 IO OSPI1 Data bit 0 G3, N2, R18 H2, M3, V19 E2, L2, M14 E1, M2, U17 OSPI1_D1 IO OSPI1 Data bit 1 F1, K3, U17 G1, M2, Y18 D1, G1, P14 D1, J1, W17 OSPI1_D2 IO OSPI1 Data bit 2 T17 W18 P15 V17 OSPI1_D3 IO OSPI1 Data bit 3 U18 Y19 R16 W18 OSPI1_D4 IO OSPI1 Data bit 4 T18 W19 N14 V18 OSPI1_D5 IO OSPI1 Data bit 5 N18 U20 L15 R18 OSPI1_D6 IO OSPI1 Data bit 6 M18 T20 M16 T19 OSPI1_D7 IO OSPI1 Data bit 7 P16 V18 N15 U18 OSPI1_RESET_OUT0 O OSPI1 Reset Out 0 B9, G1, N16 B11, K4, R17 D8, F2, L16 B10, F2, P18 OSPI1_RESET_OUT1 O OSPI1 Reset Out 1 B8 B10 B8 A10 (1) OSPI1_LBCLKO is a clock loopback output signal used for peripheral timing. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 70 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |