| Electronic Components Datasheet Search |
|
M74HC652 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC652 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() TRUTH TABLE HC652 (The truth table for HC651 is the same as this, but with the outputs inverted) GAB GBA CAB CBA SAB SBA A B FUNCTION LH INPUTS INPUTS Both the A bus and the B bus are inputs X X X X Z Z The output functions of the A and B bus are disabled X X INPUTS INPUTS Both the A and B buz are used for inputs to the internal flip-flops. Data at the bus will be stored on low to high transition of the clock inputs LL OUTPUTS INPUTS The A bus are outputs and the B bus are inputs X* X X L L L The data at the B bus are displayed at the A bus HH X* X L L L The data at the B bus ar displayed at the A bus. The data of the B bus are stored to the internal flip-flop on low to high transition of th clock pulse HH X* X X H Qn X The data stored to the internal flip-flop are dispayed at the A bus X* X H L L The data at the B bus are stored to the internal flip- flop on low to high transition of the clock pulse. The states of the internal flip-flops output directly to the A bus HH HH INPUTS OUTPUTS The A bus are inputs and the B bus are outputs XX* L X L L The data at the A bus are displayed at the B bus HH X* L X L L The data at the A bus are displayed at the B bus. The data of the A bus are stored to the internal flip- flop on low to high transition of the clock pulse HH X X* H X X Qn The data stored to the internal flip-flops are displayed at the B bus X* H X L L the data at the A bus are stored to the internal flip- flop on low to high transition of the clock pulse. The states of the internal flip-flops output directly to the B bus HH HL OUTPUTS OUTPUTS Both the A bus and the B bus are outputs X X H H Qn Qn The data stored to the internal flip-flops are displayed at the A and B bus respectively H H Qn Qn The output at the A bus are displayed at the B bus, the output at the B bus are displayed at the A bus respectively X : DON’T CARE Z : HIGH IMPEDANCE Qn : THE DATA STORED TO THE INTERNAL FLIP-FLOPS BY MOST RECENT LOW TO HIGH TRANSITION OF THE CLOCK INPUTS * : THE DATA AT THE A AND B BUS WILL BE STORED TO THE INTERNAL FLIP-FLOPS ON EVERY LOW TO HIGH TRANSITION OF THE CLOCK INPUTS M74HC651/652 3/12 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |