Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT3X8 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT3X8
Description  Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT3X8 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT3X8 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Customer To specify : Frequency Tolerance, Load Capacitance, Operating Temperature Range
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
http://www.actcrystals.com
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Specification
Please note that all parameters can not necessarily be specified in the same device
The ACT1x5, 2x6 & 3x8 are miniature cylindrical packages offering high vibration and shock resistance,
together with high stability. They are suitable for portable equipment and where a close packing density is
required.Two versions are offered, C1BLC: a low cost version and the HQM4E: a version with a higher Q
value. The 1x5 device is only available in the High Q version.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT1x5, 2x6 & 3x8 Watch Crystal
Issue : 7C1b/M4E
Date :03-10-07
Nominal Frequency
fo
3x8
2x6
1x5
2x6
3x8
Quality Factor ( Typical)
Q
60,000
50,000
85,000
70,000
85,000
Shunt Capacitance (Typical)
C0
1.8pF
1.45pF
1.0pF
1.35pF
1.6pF
Equivalent Series Resistance
ESR
30K
Ω max
35K
Ω max
40K
Ω max
Motional Capacitance ( Typical)
C1
0.0030pF
0.0028pF
0.0024pF
Frequency Tolerance @25°C
Δf/fo
±20 standard
Load Capacitance
CL
12.5pF
Frequency v Temperature
Δf/t
amb
Turnover Temperature
Tm
Temperature Coefficient
β
Temp Operating Range
Topr
Temp Storage Range
Tstg
Drive Level
DL
Insulation Resistance
IR
Aging
Δf/yr
Shock Resistance
Δf/
shock
-40 ~ +85°C
Parameter
HQM4E Series
Outline
32.768KHz
Specification
Specification
C1bLC Series
±20ppm standard ±5, ±10ppm
options )
See Drawing -40 °C +85°C
6pF~12.5pF(6, 12.5pF standard
35K
Ω max
0.0024pF
12.5, 6.0pF
See Drawing (-40 °C +85°C)
+/-3ppm(25°C 1st year)
1
μ W max
500M
Ω / 100VDC min
-0.034+/-0.006ppm / °C
2
-20 +70°C ,( -40 +85°C option )
-40~+85°C
±5ppm First year, 25°C (±3ppm
option)
±20ppm standard (2x6 &
3x8: ±5 & ±10ppm options)
±5ppm
±5ppm
1
μ W max
500M
Ω / 100VDC min
25°C ±5°C
25°C ±5°C
-0.035±0.0086ppm / °C
2
-10 +60°C standard ,
( -20~+70, -40 +85°C Options)
Soldering
Lead wires should be soldered within 10
seconds with a tip temperature not exceeding
270°C.
The device should ideally be upright on the
board.
If the device can is required to be mechanically
affixed to the board it should be stuck down
with rubber adhesive.
Under no circumstances should any solder
connection be made to the can of the device.


Similar Part No. - ACT3X8

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Advanced Crystal Techno...
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Concordia Technologies ...
ACT300X4.8 CONCORDIATECHNOLOGIES-ACT300X4.8 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT300X7.6 CONCORDIATECHNOLOGIES-ACT300X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT303K ACT-ACT303K Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACT3X8

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
SM Watch crystal
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB_15 Datasheet
925Kb / 3P
CYLINDRICAL WATCH CRYSTAL
04.24.13
logo
Golledge Electronics Lt...
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
logo
Suntsu Electronics, Inc...
SWT622 SUNTSU-SWT622 Datasheet
140Kb / 1P
Cylindrical Watch Crystal
SWT832 SUNTSU-SWT832 Datasheet
196Kb / 1P
Cylindrical Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com