Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGX-RMT01 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HGX-RMT01
Description  MOUNTING BRACKET KIT FOR UBIQUITI ROCKET M-5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HGX-RMT01 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HGX-RMT01 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
159
6.3
MOUNTING BRACKET KIT FOR UBIQUITI
MAY OCCUR
10/30/14
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HGX-RMT01
A
HGX-RMT01.SLDDRW
11
P.PESA
10/30/14
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
10/30/14
10/31/14
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
ROCKET M-5
RADIOS
PROJECTION
FSCM NO.
43321
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
NOTE:
MATERIAL: STAINLESS STEEL 304
PACKAGING:
SHALL BE PACKAGED AS PER L-COM SPEC PKG-00012
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE
INCLUDED:
CABLE ASSEMBLY
CA-RSPNMA002
(2X)


Similar Part No. - HGX-RMT01

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HGX-CMOUNT01 L-COM-HGX-CMOUNT01 Datasheet
86Kb / 1P
CISCO 1570 SERIES ANTENNA SWIVEL MOUNT ASSEMBLY PARTS (SHIPPED UNASSEMBLED)
09/06/16
HGX-PMT02 L-COM-HGX-PMT02 Datasheet
165Kb / 1P
SMALL METAL TILT-AND-SWIVEL MOUNTING BRACKET
01/04/12
HGX-PMT02 L-COM-HGX-PMT02 Datasheet
284Kb / 3P
HyperLink Wireless 4.9 GHz 11 dBi Flat Patch Wireless LAN WiFi Antenna for 802.11a US Homeland Security and
HGX-PMT02 L-COM-HGX-PMT02 Datasheet
304Kb / 3P
HyperLink Wireless brand 5.8 GHz 11 dBi ISM/UNII Band Wireless LAN Flat Patch Antenna
HGX-PMT02 L-COM-HGX-PMT02 Datasheet
330Kb / 3P
HyperLink 2.4 GHz 8 dBi Wireless LAN Flat Patch Antenna
More results

Similar Description - HGX-RMT01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Bud Industries, Inc.
BAS-5106 BUD-BAS-5106 Datasheet
52Kb / 1P
SLIDE MOUNTING BRACKET KIT
NBX-10920 BUD-NBX-10920 Datasheet
76Kb / 1P
WALL MOUNTING BRACKET KIT
PMB-11282 BUD-PMB-11282 Datasheet
46Kb / 1P
MOUNTING BOSS KIT, ADAPTER BRACKET
HB-11496 BUD-HB-11496 Datasheet
50Kb / 1P
HANDLE/BAIL KIT, EXTERNAL MOUNTING BRACKET
logo
CUI INC
VHK-DIN CUI-VHK-DIN Datasheet
300Kb / 4P
DIN RAIL MOUNTING BRACKET KIT
logo
Turck, Inc.
SMBPVA2 TURCK-SMBPVA2 Datasheet
459Kb / 1P
SMBPVA2 Mounting Bracket Kit
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com