Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL21 Datasheet(PDF) 1 Page - Optronics International

Part # IL21
Description  Surface Mount Interior Dome Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

IL21 Datasheet(HTML) 1 Page - Optronics International

  IL21 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
IL21 SERIES
Surface Mount Interior Dome Light
Surface mount dome light with or without on/off switch
Mounts on 3­1/2” centers
Includes both lead and ground wire
Replaceable bulb (1156)
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
IL21CS
Retail pack: Surface mount interior dome light
with switch, hard wired (black=power,
white=ground), clam
12
IL21CS6
Retail pack: Interior dome light with switch, hard
wired (black=power, white=ground), clam
6
IL21CB
IL21CBP
Surface mount interior dome light with switch,
hard wired (black=power, white=ground)
50
IL21CPG
DISCONTINUED ­ Surface mount interior dome
light with switch, hard wired (black=power),
self grounding, .180 male bullet
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Polycarbonate lens, steel base plate
VOLT/AMP:
12.8VDC ­ 2.4A
WT/DIMS:
.309 lb. / 4.563” x 2.5” x 1.75”
WARRANTY:
Three Year Warranty


Similar Part No. - IL21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL211 SIEMENS-IL211 Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Integral Corp.
IL211 INTEGRAL-IL211 Datasheet
291Kb / 2P
Highly Flexible Voltage Comparators
logo
List of Unclassifed Man...
IL211 ETC1-IL211 Datasheet
47Kb / 3P
SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
logo
Siemens Semiconductor G...
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results

Similar Description - IL21

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
Surface Mount Phototransistor/Dome Lenz Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
Surface Mount IRED/Dome Lens Type
logo
Seoul Semiconductor
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
Applicable for automotive interior light
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
Applicable for automotive interior light
logo
Marktech Corporate
MTE9460CP MARKTECH-MTE9460CP Datasheet
763Kb / 4P
Ceramic Dome Surface Mount 3.5횞2.2횞1.91
logo
Seoul Semiconductor
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
Applicable for automotive interior light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com