Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F100
Description  1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F100 Datasheet(HTML) 1 Page - STMicroelectronics

  M29F100 Datasheet HTML 1Page - STMicroelectronics M29F100 Datasheet HTML 2Page - STMicroelectronics M29F100 Datasheet HTML 3Page - STMicroelectronics M29F100 Datasheet HTML 4Page - STMicroelectronics M29F100 Datasheet HTML 5Page - STMicroelectronics M29F100 Datasheet HTML 6Page - STMicroelectronics M29F100 Datasheet HTML 7Page - STMicroelectronics M29F100 Datasheet HTML 8Page - STMicroelectronics M29F100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AI01974
16
A0-A15
W
DQ0-DQ14
VCC
M29F100T
M29F100B
E
VSS
15
G
RP
DQ15A–1
BYTE
RB
Figure 1. Logic Diagram
M29F100T
M29F100B
1 Mbit (128Kb x8 or 64Kb x16, Boot Block)
Single Supply Flash Memory
5V
± 10% SUPPLY VOLTAGE for PROGRAM,
ERASE and READ OPERATIONS
FAST ACCESS TIME: 70ns
FAST PROGRAMMING TIME
–10
µs by Byte / 16µs by Word typical
PROGRAM/ERASE CONTROLLER (P/E.C.)
– Program Byte-by-Byte or Word-by-Word
– Status Register bits and Ready/Busy Output
MEMORY BLOCKS
– Boot Block (Top or Bottom location)
– Parameter and Main blocks
BLOCK, MULTI-BLOCK and CHIP ERASE
MULTI-BLOCK PROTECTION/TEMPORARY
UNPROTECTION MODES
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
LOW POWER CONSUMPTION
– Stand-by and Automatic Stand-by
100,000 PROGRAM/ERASE CYCLES per
BLOCK
20 YEARS DATA RETENTION
– Defectivity below 1ppm/year
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code, M29F100T: 00D0h
– Device Code, M29F100B: 00D1h
DESCRIPTION
The M29F100 is a non-volatile memory that may
be erased electrically at the block or chip level and
programmed in-system on a Byte-by-Byteor Word-
by-Word basis using only a single 5V VCC supply.
For Program and Erase operations the necessary
high voltages are generated internally. The device
can also be programmed in standard program-
mers.
The array matrix organisation allows each block to
be erased and reprogrammed without affecting
other blocks. Blocks can be protected against pro-
graming and erase on programming equipment,
and temporarily unprotected to make changes in
the application. Each block can be programmed
and erased over 100,000 cycles.
July 1998
1/30
44
1
SO44 (M)
TSOP48 (N)
12 x 20 mm


Similar Part No. - M29F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F100BB-120M1T STMICROELECTRONICS-M29F100BB-120M1T Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100BB-120M3T STMICROELECTRONICS-M29F100BB-120M3T Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100BB-120M6T STMICROELECTRONICS-M29F100BB-120M6T Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100BB-120N1T STMICROELECTRONICS-M29F100BB-120N1T Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100BB-120N3T STMICROELECTRONICS-M29F100BB-120N3T Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
More results

Similar Description - M29F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
126Kb / 20P
1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory
30-Nov-2004
M29F160BT STMICROELECTRONICS-M29F160BT Datasheet
174Kb / 22P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory
30-Mar-2000
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29W102BT STMICROELECTRONICS-M29W102BT Datasheet
154Kb / 20P
1 Mbit 64Kb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W200BT STMICROELECTRONICS-M29W200BT Datasheet
503Kb / 22P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
19-Sep-2005
M29F102BB STMICROELECTRONICS-M29F102BB Datasheet
432Kb / 24P
1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
30-Nov-2004
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com