Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREG Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # XREG
Description  XREG Pressure Regulator Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

XREG Datasheet(HTML) 1 Page - Time Electronics Ltd.

  XREG Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A piston sensed pressure single stage reducing regulator for use in providing
a stable pressure to precision pressure control devices. Suitable for
controlling pressures up to 210 bar, the regulator covers the range needed
for the majority of line pressure requirements in calibration applications.
The XREG is primarily utilised on compressed air or nitrogen cylinders that
are providing a line supply to CalBench systems with pressure modules.
The regulator is supplied as a kit that is pre-configured for use with the
customer's cylinder and pressure system.
When ordered with a system, the necessary fittings, adaptors and hoses are
included. Hoses are made to measure based on the positioning of the cylinder
and the CalBench or pressure calibration system. When ordered individually a
standard configuration for 1/4 " NPT cylinder connection is provided.
The XREG features 2 analogue pressure gauges (63 mm, class 1.6) to display
the input and output pressure. Both gauges are for use up to 250 bar (3500 psi).
Ordering Information
XREG/210b .......................Pressure regulator kit (210 bar / 3000 psi)
Including 2x fitted gauges, 1/4" FNPT inlet on regulator, 1/4" FNPT outlet with
minimess test point fitted. High pressure 2 m hose minimess to 1/4" FNPT.
Adaptors: 1x 1/4" FNPT to 1/4" BSPF, 1x 1/4" MNPT to 1/4" FNPT.
Custom configuration or when purchased with pressure
calibration system or CalBench
XREG/210b-CUST.............Pressure regulator kit (210 bar / 3000 psi)
Including 2x gauges. Adaptors, fittings and hoses supplied configured
based on customer's cylinder and pressure calibration system ordered.
Please specify the cylinder fitting thread and distance from pressure system.
Features / Specifications
• Suitable for user with gas or nitrogen cylinders providing line
pressure to calibration benches or test systems
• Used for regulation up to 210 bar (3045 psi)
• Smooth pressure adjustment with bronze bearing
• Inlet and outlet gauges supplied, 250 bar (3500 psi)
• Pressure media: Pneumatic only, air or inert gas
• Materials: Anodized Aluminum, Stainless Steel
• Seal Materials: Buna-N, Delrin, Teflon
• Operating Temp: Min: 60 °C / 140 °F. Max: -18 °C / 0 °F
• W 140 x H 150 x D 150 mm (including gauges & fitting)
• Weight: 1.1 kg
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
v1a
09/21
XREG Pressure Regulator Kit


Similar Part No. - XREG

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XREG-3KPSIG RALSTON-XREG-3KPSIG Datasheet
540Kb / 1P
Pneumatic Pressure Regulator (3000 psi / 210 bar) output
XREG-3KPSIG RALSTON-XREG-3KPSIG_16 Datasheet
540Kb / 1P
Outlet pressures up to 3000 psi (210 bar)
XREG-KIT0 RALSTON-XREG-KIT0 Datasheet
658Kb / 1P
3000 PSI Regulator, 2 pressure gauges, CGA 580 inlet connection, Male Quick-test outlet conn. kit
XREG-KIT0 RALSTON-XREG-KIT0_16 Datasheet
658Kb / 1P
3000 PSI Regulator, 2 pressure gauges, CGA 580 inlet connection, Male Quick-test outlet conn. kit
logo
Cree, Inc
XREGRN-L1-0000-00P01 CREE-XREGRN-L1-0000-00P01 Datasheet
1Mb / 14P
XLamp XR-E LED
Rev 15E
More results

Similar Description - XREG

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com