Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCR1124W. Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # FCR1124W.
Description  S1C JACK SOCKETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

FCR1124W. Datasheet(HTML) 1 Page - Electronic Components Ltd.

  FCR1124W. Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
03/2021
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
S1C JACK SOCKETS
FCR1117 - S1C/S/BBB x2 Special Nose
FCR1124W - S1C/SH/BBB x2 with Earth washer and nuts.
Nominal contact resistance: < 50mΩ
Life: 10,000+ operations.
< 100mΩ
Withstand voltage:
2000V DC minimum
Maximum current:
5 amp
Temperature rating:
-10° C to + 70° C
Specification:
Temperature rating:
-10° C to + 70° C
Nominal contact resistance: < 50mΩ
Life: 10,000+ operations.
< 100mΩ
Maximum current:
5 amp
Specification:
Withstand voltage:
2000V DC minimum


Similar Part No. - FCR1124W.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
Thick Film Power Resistors
logo
TDK Electronics
FCR10.0M5 TDK-FCR10.0M5 Datasheet
65Kb / 3P
Ceramic Resonators
FCR10.0MC5 TDK-FCR10.0MC5 Datasheet
65Kb / 3P
Ceramic Resonators
logo
First Components Intern...
FCR100-6 FCI-FCR100-6 Datasheet
503Kb / 2P
0.8 Amp Silicon Controlled rectifiers
logo
Stackpole Electronics, ...
FCR1206 SEI-FCR1206 Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
More results

Similar Description - FCR1124W.

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDS0507-4 DUBILIER-DBCDS0507-4 Datasheet
288Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4 Datasheet
446Kb / 1P
AUDIO PCB MINI JACK DIN SOCKETS
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCDS0507-4 DUBILIER-DBCDS0507-4_11 Datasheet
292Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4_11 Datasheet
779Kb / 3P
AUDIO PCB MINI JACK DIN SOCKETS
DBCRJS44D DUBILIER-DBCRJS44D_11 Datasheet
439Kb / 5P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com