Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS910 Datasheet(PDF) 3 Page - Clarke International

Part # JS910
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS910 Datasheet(HTML) 3 Page - Clarke International

  JS910 Datasheet HTML 1Page - Clarke International JS910 Datasheet HTML 2Page - Clarke International JS910 Datasheet HTML 3Page - Clarke International JS910 Datasheet HTML 4Page - Clarke International JS910 Datasheet HTML 5Page - Clarke International JS910 Datasheet HTML 6Page - Clarke International JS910 Datasheet HTML 7Page - Clarke International JS910 Datasheet HTML 8Page - Clarke International JS910 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
1. ALWAYS ensure when jump-starting that there is air circulating around the
machine.
2. NEVER allow the negative and positive leads on this unit, to touch each
other or to touch the same metal object.
3. Although the jump-start is water resistant and may be used outdoors, DO
NOT leave it exposed to the elements. Avoid direct sunlight, direct heat,
rain/moisture etc.
4. The JS910 jump-start is designed for use with 12V systems.
5. DO NOT operate the jump-start if any of the cables are damaged. Consult
your Clarke dealer for repair or replacement of the parts.
6. DO NOT operate the jump-start if the case is damaged. Consult your Clarke
dealer or a qualified person for inspection and repair.
7. Ensure the vehicle battery posts and battery clamps are perfectly clean
before use.
8. When connecting the jump-start leads to a battery, ensure the ON/OFF
switch is OFF, and ALWAYS connect the RED, (positive’+’) output conductor
to the UNEARTHED (+) battery terminal FIRST, then connect the BLACK,
(negative) conductor to a suitable earthing point on the chassis, well away
from any fuel lines.
9. To prevent the battery overheating and consequent damage, DO NOT
exceed our recommendations for the duration of jump starting.
10. ALWAYS wear suitable protective clothing and eye protection when
working with lead-acid batteries.
11. The jump-start is NOT designed to be used as a replacement for the vehicle
battery.
12. DO NOT attempt to BOOST CHARGE the jump-start's sealed battery.
13. NEVER allow the battery to become completely discharged.
14. NEVER allow the cables to become wrapped around the operator or any
other person.
15. NEVER attempt any repairs yourself. If you have a problem with the jump-
start contact your local CLARKE dealer.
16. ALWAYS keep your body and clothing dry. NEVER work in damp area
without adequate insulation against electric shock.
17. NEVER operate the compressor for more than 10 minutes, then wait a
further 10 minutes before continuing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com