Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC438M Datasheet(PDF) 9 Page - STMicroelectronics

Part # HC438M
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC438M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HC438M Datasheet HTML 5Page - STMicroelectronics HC438M Datasheet HTML 6Page - STMicroelectronics HC438M Datasheet HTML 7Page - STMicroelectronics HC438M Datasheet HTML 8Page - STMicroelectronics HC438M Datasheet HTML 9Page - STMicroelectronics HC438M Datasheet HTML 10Page - STMicroelectronics HC438M Datasheet HTML 11Page - STMicroelectronics HC438M Datasheet HTML 12Page - STMicroelectronics HC438M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V TA =25
o C)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
-2.25
4
fIN = 1 KHz
RL =10
Ω
CL = 50 pF
0.025
%
4.5
-4.5
8
0.02
fMAX
Frequency
Response
(Switch ON)
4.5
-4.5
Adjust fIN voltage to Obtain 0 dBm at VOS.
Increase fIN Frequency until dB Meter Reads -3dB
RL =50
Ω
CL = 10 pF (*)
200
MHz
Feedthrough
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC -VEE)/2.
Adjust input for 0 dBm
RL = 600
Ω
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
4.5
-4.5
-50
6
-6
-50
Crosstalk
Control to switch
2.25
-2.25
tr =tf = 6ns
RL = 600
Ω
CL =50 pF
fIN = 1 MHz square wave
110
mV
4.5
-4.5
225
6.0
-6.0
310
Crosstalk
Between any
two switches
2.25
-2.25
Adjust VIN to obtain 0dBm at input
RL = 600
Ω
CL =50 pF
fIN = 1 MHz sine wave
-50
dB
4.5
-4.5
-50
6
-6
-50
(*): Input COMMON Terminal, and measured at SWITCH Terminal.
NOTE: These characteristics are determined by design of devices.
M54/M74HC4351/4352/4353
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com